Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPC3240D Datasheet(PDF) 72 Page - Micronas

Part # VPC3240D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3240D Datasheet(HTML) 72 Page - Micronas

Back Button VPC3240D Datasheet HTML 68Page - Micronas VPC3240D Datasheet HTML 69Page - Micronas VPC3240D Datasheet HTML 70Page - Micronas VPC3240D Datasheet HTML 71Page - Micronas VPC3240D Datasheet HTML 72Page - Micronas VPC3240D Datasheet HTML 73Page - Micronas VPC3240D Datasheet HTML 74Page - Micronas VPC3240D Datasheet HTML 75Page - Micronas VPC3240D Datasheet HTML 76Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
72
Micronas
5.1. Application Note: VGA mode with VPC 3215C
In 100 Hz TV applications it can be desirable to display
a VGA-signal on the TV. In this case a VGA-graphic
card delivers the H, V and RGB signals. These signals
can be feed "directly" to the backend signal process-
ing. The VPC can generate a stable line locked clock
for the 100 Hz system in relation to the VGA sync sig-
nals.
While the V-sync is connected to the VGAV pin directly,
the H-sync has to be pulse-shaped and amplitude
adjusted until it is connected to one of the video input
pins of the VPC. The recommended circuitry to filter
the H sync is given in the figure below.
Fig. 5–1: Application circuit for horizontal VGA-input
680 nF
Video Input VPC
H 31kHz
270
Ω
47pF
540
Ω
1N4148
BC848B
100
Ω
1k
Ω
+5V analog
1N4148
2k
Ω
GND analog
GND analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com