Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXSC400
Description  LED DRIVER BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC400 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXSC400 Datasheet HTML 8Page - Zetex Semiconductors ZXSC400 Datasheet HTML 9Page - Zetex Semiconductors ZXSC400 Datasheet HTML 10Page - Zetex Semiconductors ZXSC400 Datasheet HTML 11Page - Zetex Semiconductors ZXSC400 Datasheet HTML 12Page - Zetex Semiconductors ZXSC400 Datasheet HTML 13Page - Zetex Semiconductors ZXSC400 Datasheet HTML 14Page - Zetex Semiconductors ZXSC400 Datasheet HTML 15Page - Zetex Semiconductors ZXSC400 Datasheet HTML 16Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Li - Ion to 6 LED converter
ZXSC400
ISSUE 1 - JANUARY 2003
13
2.5
3.0
3.5
4.0
60
70
80
90
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
Input Voltage vs LED Current
6White LEDs
I
LED
=20mA
Input voltage (V)
Input Voltage vs Efficiency
6White LEDs
Input Voltage (V)
Ref
Value
Part Number
Manufacture
Comments
U1
ZXSC400
Zetex
LED driver IC
Q1
FMMT619
Zetex
40V NPN
D1
ZHCS1000
Zetex
1A Schottky diode
L1
22 H
CMD4D11-220MC
Sumida
1mm height profile
R1
47m
LR1206 / RL1220
IRC / Cyntec
1206 / 0805 size
R2
15
Generic
Generic
0603 size
C1
2.2 F/6V3
GRM Series
Murata
0805 size
C2
2.2 F/25V
GRM Series
Murata
1206 size
LED
NSCW215
Nichia
White SMT LED
Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com