Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXSC400
Description  LED DRIVER BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC400 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXSC400 Datasheet HTML 1Page - Zetex Semiconductors ZXSC400 Datasheet HTML 2Page - Zetex Semiconductors ZXSC400 Datasheet HTML 3Page - Zetex Semiconductors ZXSC400 Datasheet HTML 4Page - Zetex Semiconductors ZXSC400 Datasheet HTML 5Page - Zetex Semiconductors ZXSC400 Datasheet HTML 6Page - Zetex Semiconductors ZXSC400 Datasheet HTML 7Page - Zetex Semiconductors ZXSC400 Datasheet HTML 8Page - Zetex Semiconductors ZXSC400 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
APPLICATIONS INFORMATION
Switching transistor selection
The choice of switching transistor has a major impact
on the converter efficiency. For optimum performance,
a bipolar transistor with low VCE(SAT) and high gain is
required. The VCEO of the switching transistor is also an
important parameter as this sees the full output
voltage when the transistor is switched off. Zetex
SuperSOT™ transistors are an ideal choice for this
application.
Schottky diode selection
As with the switching transistor, the Schottky rectifier
diode has a major impact on the converter efficiency. A
Schottky diode with a low forward voltage and fast
recovery time should be used for this application.
The diode should be selected so that the maximum
forward current rating is greater or equal to the
maximum peak current in the inductor, and the
maximum reverse voltage is greater or equal to the
output voltage. The Zetex ZHCS Series meet these
needs.
Combination devices
To minimise the external component count Zetex
recommends the ZX3CDBS1M832 combination of
NPN transistor and Schottky diode in a 3mm x 2mm
MLP package. This device is recommended for use in
applications using 1 to 4 white LEDs.
The IC is also capable of driving MOSFETs. Zetex
recommends the ZXMNS3BM832 combination of low
threshold voltage N-Channel MOSFET and Schottky
diode in a 3mm x 2mm MLP package. This device is
recommended for use in applications using 1 to 8 white
LEDs.
Capacitor Selection
A small value, low ESR ceramic capacitor is required to
filter the output, typically 1 F to 4.7 F.
Generally an input capacitor is not required, but a small
ceramic capacitor may be added to aid EMC, typically
1 F to 4.7 F.
Inductor Selection
The inductor value must be chosen to satisfy
performance, cost and size requirements of the overall
solution.
Inductor selection has a significant impact on the
converter performance. For applications where
efficiency is critical, an inductor with a series resistance
of 250m
or less should be used.
A list of recommended inductors is listed in the table
below:
ZXSC400
ISSUE 1 - JANUARY 2003
5
Part No.
Manufacture
L
I
PK (A)
R
DC (
)
CMD4D11-100MC
Sumida
10 H
0.5
0.457
CMD4D11-220MC
Sumida
22 H
0.4
0.676
LPO2506OB-103
Coilcraft
10 H
1.0
0.24
ST2006103
Standex Electronics Inc
10 H
0.6
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com