Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXSC400
Description  LED DRIVER BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC400 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXSC400 Datasheet HTML 1Page - Zetex Semiconductors ZXSC400 Datasheet HTML 2Page - Zetex Semiconductors ZXSC400 Datasheet HTML 3Page - Zetex Semiconductors ZXSC400 Datasheet HTML 4Page - Zetex Semiconductors ZXSC400 Datasheet HTML 5Page - Zetex Semiconductors ZXSC400 Datasheet HTML 6Page - Zetex Semiconductors ZXSC400 Datasheet HTML 7Page - Zetex Semiconductors ZXSC400 Datasheet HTML 8Page - Zetex Semiconductors ZXSC400 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The ZXSC400 is a voltage mode boost converter in the SOT23-6 package. Its low
feedback voltage allows the current in a chain of LEDs to be set and accurately
monitored with a single resistor giving minimal losses. Its excellent load and line
regulation means that for the full supply range from lithium-ion cells, the LED
current will typically change by less than 1%. Using high efficiency Zetex switching
transistors with ratings of 20V and higher allow many LEDs to be chained in series
for the best LED current matching possible.
FEATURES
• 1.8V to 8V supply range
• Typical output regulation of 1%
• Over 80% typical efficiency
• 4.5 A typical shutdown current
• Series connection for ultimate LED current matching
APPLICATIONS
• White LED backlighting for colour LCD panels
• General LED backlighting
• High performance white LED flashlights
• General LED driving from batteries
DEVICE MARKING
• C400
ZXSC400
ISSUE 1 - JANUARY 2003
1
LED DRIVER BOOST CONVERTER
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZXSC400E6TA
7“
8mm
3000 units
ORDERING INFORMATION
STDN
GND
VCC
DRIVE
SENSE
VFB
PINOUT
SOT23-6
Top View


Similar Part No. - ZXSC400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
134Kb / 4P
Photoflash LED
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
ZXSC400E6TA DIODES-ZXSC400E6TA Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
Zetex Semiconductors
ZXSC400EV2 ZETEX-ZXSC400EV2 Datasheet
66Kb / 1P
circuit diagram and bill of materials
ZXSC400 ZETEX-ZXSC400_06 Datasheet
134Kb / 4P
Photoflash LED
More results

Similar Description - ZXSC400

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
LED DRIVER BOOST CONVERTER
JANUARY 2003
logo
ON Semiconductor
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com