Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXSC400 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXSC400
Description  LED DRIVER BOOST CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC400 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXSC400 Datasheet HTML 1Page - Zetex Semiconductors ZXSC400 Datasheet HTML 2Page - Zetex Semiconductors ZXSC400 Datasheet HTML 3Page - Zetex Semiconductors ZXSC400 Datasheet HTML 4Page - Zetex Semiconductors ZXSC400 Datasheet HTML 5Page - Zetex Semiconductors ZXSC400 Datasheet HTML 6Page - Zetex Semiconductors ZXSC400 Datasheet HTML 7Page - Zetex Semiconductors ZXSC400 Datasheet HTML 8Page - Zetex Semiconductors ZXSC400 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V
to
+10V
DRIVE
-0.3V
to
VCC + 0.3V
EOR
-0.3V
to
VCC + 0.3V
STDN
-0.3V
to
The lower of (+5.0V) or (VCC + 0.3V)
SENSE
-0.3V
to
The lower of (+5.0V) or (VCC + 0.3V)
Operating Temp.
-40°C to
+85°C
Storage Temp.
-55°C to
+125°C
Power Dissipation
450mW
ZXSC400
ISSUE 1 - JANUARY 2003
2
Symbol
Parameter
Conditions
Limits
Units
Min
Typ
Max
Supply parameters
VIN
VCC Range
1.8
8
V
Iq
1
Quiescent Current
VCC = 8V
220
A
ISTDN
Shutdown Current
4.5
A
Eff
1
Efficiency
30mA > ILED > 10mA
80
%
AccREF
Reference tolerance
1.8V < VCC < 8V
-3.0
3.0
%
TCOREF
Reference Temp Co
0.005
%/ C
TDRIVE
Discharge pulse width
1.8V < VCC <8V
1.7
s
FOSC
Operating Frequency
200
kHz
Input parameters
VSENSE
Sense voltage
22
28
34
mV
ISENSE
Sense input current
VFB =0V, VSENSE = 0V
-1
-7
-15
A
VFB
Feedback voltage
291
300
309
mV
IFB
2
Feedback input current
VFB =0V, VSENSE = 0V
-1.2
-4.5
A
VIH
Shutdown high voltage
1.5
V
CC
V
VIL
Shutdown low voltage
0
0.55
V
dVLN
Line voltage regulation
0.5
%/V
Output parameters
IOUT
3
Output current
Vin > 2V, Vout = 10.5V
50
mA
IDRIVE
Transistor drive current
Vdrive = 0.7V
2
3.5
5
mA
VDRIVE
Transistor voltage drive
1.8V < VCC <8V
0
V
CC -0.4
V
CDRIVE
Mosfet gate drive cpbty
300
pF
dILD
4
Load current regulation
0.1
mA/V
ELECTRICAL CHARACTERISTICS
Test Conditions VCC= 3V, T= -40°C to 85°C unless otherwise stated.
Note
1
Excluding gate/base drive current.
2
IFB is typically half these values at 300mV.
3
System not device spec, including recommended transistors. 10.5V represents 3 white LEDs.
4
Change in LED current with changing supply voltage (LED VF x number of series LEDs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com