Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28303 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 17Page - Microchip Technology MIC28303 Datasheet HTML 18Page - Microchip Technology MIC28303 Datasheet HTML 19Page - Microchip Technology MIC28303 Datasheet HTML 20Page - Microchip Technology MIC28303 Datasheet HTML 21Page - Microchip Technology MIC28303 Datasheet HTML 22Page - Microchip Technology MIC28303 Datasheet HTML 23Page - Microchip Technology MIC28303 Datasheet HTML 24Page - Microchip Technology MIC28303 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 21
MIC28303
4.0
FUNCTIONAL DESCRIPTION
The MIC28303 is an adaptive on-time synchronous
buck regulator module built for high-input voltage to
low-output voltage conversion applications. The
MIC28303 is designed to operate over a wide input
voltage range, from 4.5V to 50V, and the output is
adjustable with an external resistor divider. An adaptive
on-time control scheme is employed to obtain a
constant switching frequency and to simplify the control
compensation. Hiccup mode over-current protection is
implemented by sensing low-side MOSFET’s RDS(ON).
The device features internal soft-start, enable, UVLO,
and thermal shutdown. The module has integrated
switching FETs, inductor, bootstrap diode, resistor and
capacitor.
4.1
Theory of Operation
Per the Functional Diagram of the MIC28303 module,
the output voltage is sensed by the MIC28303
feedback pin FB via the voltage divider R1 and R11,
and compared to a 0.8V reference voltage VREF at the
error comparator through a low-gain transconductance
(gm) amplifier. If the feedback voltage decreases and
the amplifier output is below 0.8V, then the error
comparator will trigger the control logic and generate
an ON-time period. The ON-time period length is
predetermined by the “Fixed tON Estimator” circuitry:
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier is below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(MIN), which is about 200 ns, the MIC28303 control
logic will apply the tOFF(MIN) instead. tOFF(MIN) is
required to maintain enough energy in the boost
capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 200 ns
tOFF(MIN):
EQUATION 4-2:
It is not recommended to use MIC28303 with an
OFF-time close to tOFF(MIN) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC28303. The
actual ON-time and resulting switching frequency will
vary with the different rising and falling times of the
external MOSFETs. Also, the minimum tON results in a
lower switching frequency in high VIN to VOUT
applications. During load transients, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, both the
steady-state and load transient scenarios were
analyzed. For easy analysis, the gain of the gm
amplifier is assumed to be 1. With this assumption, the
inverting input of the error comparator is the same as
the feedback voltage.
Figure 4-1 shows the MIC28303 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The
ON-time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
FIGURE 4-1:
MIC28303 Control Loop
Timing
Figure 4-2 shows the operation of the MIC28303 during
a load transient. The output voltage drops due to the
sudden load increase, which causes the VFB to be less
than VREF. This will cause the error comparator to
trigger an ON-time period. At the end of the ON-time
period, a minimum OFF-time tOFF(MIN) is generated to
t
ON ESTIMATED

V
OUT
V
IN
f
SW
-----------------------
=
Where:
VOUT
Output Voltage
VIN
Power Stage Input Voltage
fSW
Switching Frequency
D
MAX
t
S
t
OFF MIN

–
t
S
-----------------------------------1
200ns
t
S
---------------
–
==
Where:
tS
1/fSW
I
L
I
OUT
V
OUT
V
FB
V
REF
ΔI
L(PP)
ΔV
OUT(PP) = ESRCOUT × ΔIL(PP)
ESTIMATED ON-TIME
DH
ΔV
FB(PP) = ΔVOUT(PP) ×
R2
R1+R2
TRIGGER ON-TIME IF V
FB IS BELOW VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com