Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28303 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 3Page - Microchip Technology MIC28303 Datasheet HTML 4Page - Microchip Technology MIC28303 Datasheet HTML 5Page - Microchip Technology MIC28303 Datasheet HTML 6Page - Microchip Technology MIC28303 Datasheet HTML 7Page - Microchip Technology MIC28303 Datasheet HTML 8Page - Microchip Technology MIC28303 Datasheet HTML 9Page - Microchip Technology MIC28303 Datasheet HTML 10Page - Microchip Technology MIC28303 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
 2016 Microchip Technology Inc.
DS20005464A-page 7
MIC28303
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Efficiency vs. Output
Current (MIC28303-1).
FIGURE 2-2:
Efficiency vs. Output
Current (MIC28303-2).
FIGURE 2-3:
Thermal Derating
(MIC28303-2).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
TABLE 2-1:
RECOMMENDED COMPONENT VALUES FOR 275KHZ SWITCHING FREQUENCY
VOUT
VIN
R3
(Rinj)
R19
R15
R1
(Top
Feedback
Resistor)
R11
(Bottom
Feedback
Resistor)
C10
(Cinj)
C12
(Cff)
COUT
5V
7V to 18V
16.5 kΩ
75 kΩ 3.57 kΩ
10 kΩ
1.9 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
5V
18V to 50V 39.2 kΩ
75 kΩ 3.57 kΩ
10 kΩ
1.9 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
3.3V
5V to 18V
16.5 kΩ
75 kΩ 3.57 kΩ
10 kΩ
3.24 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V
3.3V
18V to 50V 39.2 kΩ
75 kΩ 3.57 kΩ
10 kΩ
3.24 kΩ
0.1 µF
2.2 nF
2 x 47 µF/6.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com