Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28303 Datasheet(PDF) 35 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MIC28303 Datasheet HTML 30Page - Microchip Technology MIC28303 Datasheet HTML 31Page - Microchip Technology MIC28303 Datasheet HTML 32Page - Microchip Technology MIC28303 Datasheet HTML 33Page - Microchip Technology MIC28303 Datasheet HTML 34Page - Microchip Technology MIC28303 Datasheet HTML 35Page - Microchip Technology MIC28303 Datasheet HTML 36Page - Microchip Technology MIC28303 Datasheet HTML 37Page - Microchip Technology MIC28303 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2015 Microchip Technology Inc.
DS20005464A-page 35
MIC28303
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC28303-1YMP:
50V 3A Power Module,
HyperLight Load,
–40°C to +125°C junction
temperature range,
64LD QFN
b)
MIC28303-2YMP:
50V 3A Power Module,
Hyper Speed Control,
–40°C to +125°C junction
temperature range,
64LD QFN
PART NO.
XX
Package
Device
-X
Features
Device:
MIC28303:
50V, 3A Power Module
Features:
1
=
HyperLight Load
2
=
Hyper Speed Control
Temperature:
Y
=
–40°C to +125°C
Package:
MP =
64-Pin 12 mm x 12 mm QFN
X
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com