Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28303 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC28303
Description  50V, 3A Power Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28303 Datasheet(HTML) 4 Page - Microchip Technology

  MIC28303 Datasheet HTML 1Page - Microchip Technology MIC28303 Datasheet HTML 2Page - Microchip Technology MIC28303 Datasheet HTML 3Page - Microchip Technology MIC28303 Datasheet HTML 4Page - Microchip Technology MIC28303 Datasheet HTML 5Page - Microchip Technology MIC28303 Datasheet HTML 6Page - Microchip Technology MIC28303 Datasheet HTML 7Page - Microchip Technology MIC28303 Datasheet HTML 8Page - Microchip Technology MIC28303 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MIC28303
DS20005464A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
PVIN = VIN = 12V, VOUT = 5V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values
indicate –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Min.
Typ.
Max.
Units
Conditions
Power Supply Input
Input Voltage Range (PVIN,
VIN)
4.5
—
50
V—
Controller Supply Current
—
0.4
0.75
mA
Current into Pin 60; VFB = 1.5V
(MIC28303-1)
—2.1
3.0
Current into Pin 60; VFB = 1.5V
(MIC28303-2)
—0.1
10
µA
Current into Pin 60; VEN = 0V
Operating Current
—
0.7
—
mA
IOUT = 0A (MIC28303-1)
—27
—
IOUT = 0A (MIC28303-2)
Shutdown Supply Current
—
4.0
—
µA
PVIN = VIN = 12V, VEN = 0V
PVDD Supply
PVDD Output Voltage
4.8
5.2
5.4
VVIN = 7V to 50V, IPVDD = 10mA
PVDD UVLO Threshold
3.8
4.2
4.7
PVDD rising
PVDD UVLO Hysteresis
—
400
—
mV
—
Load Regulation
0.6
2.0
3.6
%
IPVDD = 0 to 40mA
Reference
Feedback Reference Voltage
0.792
0.8
0.808
V
TJ = 25°C (±1.0%)
0.784
0.8
0.816
–40°C ≤ TJ ≤ 125°C (±2%)
FB Bias Current
—
5
500
nA
VFB = 0.8V
Enable Control
EN Logic Level High
1.8
——
V
—
EN Logic Level Low
—
—
0.6
—
EN Hysteresis
—
200
—
mV
—
EN Bias Current
—
5
20
µA
VEN = 12V
Oscillator
Switching Frequency
400
600
750
kHz
FREQ pin = open
—300
—
RFREQ=100kΩ(FREQpin-to-GND)
Maximum Duty Cycle
—
85
—
%
—
Minimum Duty Cycle
—
0
—
VFB > 0.8V
Minimum Off-Time
140
200
260
ns
—
Soft-Start
Soft-Start Time
—
5
—
ms
—
Short-Circuit Protection
Current Limit Protection (VCL)
–30
–14
0
mV
VFB = 0.79V
Short-Circuit Threshold
–23
–7
9
mV
VFB = 0V
Note 1:
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com