Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM137 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM137 Datasheet HTML 1Page - National Semiconductor (TI) LM137 Datasheet HTML 2Page - National Semiconductor (TI) LM137 Datasheet HTML 3Page - National Semiconductor (TI) LM137 Datasheet HTML 4Page - National Semiconductor (TI) LM137 Datasheet HTML 5Page - National Semiconductor (TI) LM137 Datasheet HTML 6Page - National Semiconductor (TI) LM137 Datasheet HTML 7Page - National Semiconductor (TI) LM137 Datasheet HTML 8Page - National Semiconductor (TI) LM137 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Note 1) (Continued)
Note 4: Refer to RETS137H drawing for LM137H or RETS137K drawing for LM137K military specifications.
Schematic Diagram
00906702
Thermal Regulation
When power is dissipated in an IC, a temperature gradient
occurs across the IC chip affecting the individual IC circuit
components. With an IC regulator, this gradient can be es-
pecially severe since power dissipation is large. Thermal
regulation is the effect of these temperature gradients on
output voltage (in percentage output change) per Watt of
power change in a specified time. Thermal regulation error is
independent of electrical regulation or temperature coeffi-
cient, and occurs within 5 ms to 50 ms after a change in
power dissipation. Thermal regulation depends on IC layout
as well as electrical design. The thermal regulation of a
voltage regulator is defined as the percentage change of
V
OUT, per Watt, within the first 10 ms after a step of power is
applied. The LM137’s specification is 0.02%/W, max.
00906703
LM137, VOUT = −10V
VIN −VOUT = −40V
IIL =0A → 0.25A → 0A
Vertical sensitivity, 5 mV/div
FIGURE 1.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com