Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM137 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM137 Datasheet HTML 1Page - National Semiconductor (TI) LM137 Datasheet HTML 2Page - National Semiconductor (TI) LM137 Datasheet HTML 3Page - National Semiconductor (TI) LM137 Datasheet HTML 4Page - National Semiconductor (TI) LM137 Datasheet HTML 5Page - National Semiconductor (TI) LM137 Datasheet HTML 6Page - National Semiconductor (TI) LM137 Datasheet HTML 7Page - National Semiconductor (TI) LM137 Datasheet HTML 8Page - National Semiconductor (TI) LM137 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Thermal Regulation (Continued)
In Figure 1, a typical LM137’s output drifts only 3 mV (or
0.03% of V
OUT = −10V) when a 10W pulse is applied for
10 ms. This performance is thus well inside the specification
limit of 0.02%/W x 10W = 0.2% max. When the 10W pulse is
ended, the thermal regulation again showsa3mV step at
the LM137 chip cools off. Note that the load regulation error
of about 8 mV (0.08%) is additional to the thermal regulation
error. In Figure 2, when the 10W pulse is applied for 100 ms,
the output drifts only slightly beyond the drift in the first
10 ms, and the thermal error stays well within 0.1% (10 mV).
Connection Diagrams
TO-3
Metal Can Package
TO-39
Metal Can Package
00906705
Case is Input
Bottom View
Order Number LM137K/883
LM137KPQML and LM137KPQMLV(Note 5)
See NS Package Number K02C
Order Number LM337K STEEL
See NS Package Number K02A
00906706
Case Is Input
Note 5: See STD Mil DWG 5962P99517 for Radiation Tolerant Devices
Bottom View
Order Number LM137H, LM137H/883 or LM337H
LM137HPQML and LM137HPQMLV(Note 5)
See NS Package Number H03A
00906704
LM137, VOUT = −10V
VIN −VOUT = −40V
IL =0A → 0.25A → 0A
Horizontal sensitivity, 20 ms/div
FIGURE 2.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com