Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM137 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM137 Datasheet HTML 2Page - National Semiconductor (TI) LM137 Datasheet HTML 3Page - National Semiconductor (TI) LM137 Datasheet HTML 4Page - National Semiconductor (TI) LM137 Datasheet HTML 5Page - National Semiconductor (TI) LM137 Datasheet HTML 6Page - National Semiconductor (TI) LM137 Datasheet HTML 7Page - National Semiconductor (TI) LM137 Datasheet HTML 8Page - National Semiconductor (TI) LM137 Datasheet HTML 9Page - National Semiconductor (TI) LM137 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Applications
Adjustable Lab Voltage Regulator
00906709
Full output current not available
at high input-output voltages
*The 10 µF capacitors are optional to improve ripple rejection
Current Regulator
00906711
Negative Regulator with Protection Diodes
00906713
*When CL is larger than 20 µF, D1 protects the LM137 in case the input
supply is shorted
**When C2 is larger than 10 µF and −VOUT is larger than −25V, D2
protects the LM137 in case the output is shorted
−5.2V Regulator with Electronic Shutdown*
00906710
*Minimum output
. −1.3V when control input is low
Adjustable Current Regulator
00906712
High Stability −10V Regulator
00906714
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com