Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM137
Description  3-Terminal Adjustable Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM137 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM137 Datasheet HTML 1Page - National Semiconductor (TI) LM137 Datasheet HTML 2Page - National Semiconductor (TI) LM137 Datasheet HTML 3Page - National Semiconductor (TI) LM137 Datasheet HTML 4Page - National Semiconductor (TI) LM137 Datasheet HTML 5Page - National Semiconductor (TI) LM137 Datasheet HTML 6Page - National Semiconductor (TI) LM137 Datasheet HTML 7Page - National Semiconductor (TI) LM137 Datasheet HTML 8Page - National Semiconductor (TI) LM137 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes 1,
4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation
Internally Limited
Input-Output Voltage Differential
40V
Operating Junction Temperature
Range
LM137
−55˚C to +150˚C
LM337
0˚C to +125˚C
LM337I
−40˚C to +125˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
300˚C
Plastic Package (Soldering, 4 sec.)
260˚C
ESD Rating
2k Volts
Electrical Characteristics (Note 1)
Parameter
Conditions
LM137
LM337
Units
Min
Typ
Max
Min
Typ
Max
Line Regulation
T
j = 25˚C, 3V
≤ |V
IN −VOUT|
≤ 40V
0.01
0.02
0.01
0.04
%/V
(Note 2) I
L =10mA
Load Regulation
T
j = 25˚C, 10 mA
≤ I
OUT
≤ I
MAX
0.3
0.5
0.3
1.0
%
Thermal Regulation
T
j = 25˚C, 10 ms Pulse
0.002
0.02
0.003
0.04
%/W
Adjustment Pin Current
65
100
65
100
µA
Adjustment Pin Current Charge
10 mA
≤ I
L
≤ I
MAX
25
25
µA
3.0V
≤ |V
IN −VOUT|
≤ 40V,
T
A = 25˚C
Reference Voltage
T
j = 25˚C (Note 3)
−1.225 −1.250 −1.275 −1.213 −1.250 −1.287
V
3V
≤ |V
IN −VOUT|
≤ 40V, (Note 3)
−1.200 −1.250 −1.300 −1.200 −1.250 −1.300
V
10 mA
≤ I
OUT
≤ I
MAX,P
≤ P
MAX
Line Regulation
3V
≤ |V
IN −VOUT|
≤ 40V, (Note 2)
0.02
0.05
0.02
0.07
%/V
Load Regulation
10 mA
≤ I
OUT
≤ I
MAX, (Note 2)
0.3
1
0.3
1.5
%
Temperature Stability
T
MIN
≤ T
j
≤ T
MAX
0.6
0.6
%
Minimum Load Current
|V
IN −VOUT|
≤ 40V
2.5
5
2.5
10
mA
|V
IN −VOUT|
≤ 10V
1.2
3
1.5
6
mA
Current Limit
|V
IN −VOUT|
≤ 15V
K, MP and T Package
1.5
2.2
3.5
1.5
2.2
3.7
A
H Package
0.5
0.8
1.8
0.5
0.8
1.9
A
|V
IN −VOUT| = 40V, Tj = 25˚C
K, MP and T Package
0.24
0.4
0.15
0.4
A
H Package
0.15
0.17
0.10
0.17
A
RMS Output Noise, % of V
OUT
T
j = 25˚C, 10 Hz
≤ f ≤ 10 kHz
0.003
0.003
%
Ripple Rejection Ratio
V
OUT = −10V, f = 120 Hz
60
60
dB
C
ADJ =10µF
66
77
66
77
dB
Long-Term Stability
T
j = 125˚C, 1000 Hours
0.3
1
0.3
1
%
Thermal Resistance, Junction to
Case
H Package
12
15
12
15
˚C/W
K Package
2.3
3
2.3
3
˚C/W
T Package
4
˚C/W
Thermal Resistance, Junction to
Ambient (No Heat Sink)
H Package
140
140
˚C/W
K Package
35
35
˚C/W
T Package
MP Package
50
170
˚C/W
˚C/W
Note 1: Unless otherwise specified, these specifications apply −55˚C
≤ Tj ≤ +150˚C for the LM137, 0˚C ≤ Tj ≤ +125˚C for the LM337; VIN −VOUT = 5V; and IOUT
= 0.1A for the TO-39 package and IOUT = 0.5A for the TO-3, SOT-223 and TO-220 packages. Although power dissipation is internally limited, these specifications
are applicable for power dissipations of 2W for the TO-39 and SOT-223 (see Application Hints), and 20W for the TO-3, and TO-220. IMAX is 1.5A for the TO-3,
SOT-223 and TO-220 packages, and 0.2A for the TO-39 package.
Note 2: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specification for thermal regulation. Load regulation is measured on the output pin at a point 1⁄8" below the base of the TO-3 and TO-39 packages.
Note 3: Selected devices with tightened tolerance reference voltage available.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com