Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 4 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Linearity, WLAN Front-End Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 4 Page - Microchip Technology

  SST12LF09_13 Datasheet HTML 1Page - Microchip Technology SST12LF09_13 Datasheet HTML 2Page - Microchip Technology SST12LF09_13 Datasheet HTML 3Page - Microchip Technology SST12LF09_13 Datasheet HTML 4Page - Microchip Technology SST12LF09_13 Datasheet HTML 5Page - Microchip Technology SST12LF09_13 Datasheet HTML 6Page - Microchip Technology SST12LF09_13 Datasheet HTML 7Page - Microchip Technology SST12LF09_13 Datasheet HTML 8Page - Microchip Technology SST12LF09_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SST12LF09
DS75083B-page 4
 2013 Microchip Technology Inc.
3.0
PIN ASSIGNMENTS
FIGURE 3-1:
PIN ASSIGNMENTS FOR 16-CONTACT X2QFN
4.0
PIN DESCRIPTIONS
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
75083 P1.0
Top View
(Contacts
facing down)
RF and DC GND
GND
BT
VCC
LEN
DET
NC
VCC
VCC
TABLE 4-1:
PIN DESCRIPTION
Symbol
Pin No.
Pin Name
Type1
1. I=Input, O=Output
Function
DET
1O
Detector output voltage ground
NC
2
No connect
VCC
3
Power Supply
PWR
Supply voltage
VCC
4
Power Supply
PWR
Supply voltage
TX
5I
RF transmit input
PEN
6I
PA enable
GND
7
Ground
Ground pad
RX
8O
Rx output
LEN
9I
LNA enable
VCC
10
PWR
Supply voltage
BT
11
I/O
Bluetooth RF port
GND
12
Ground
Ground pad
CBT
13
I
Bluetooth switch control
CRX
14
I
Receiver switch control voltage
GND
15
Ground
Ground Pad
ANT
16
I/O
Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com