Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Linearity, WLAN Front-End Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST12LF09_13 Datasheet HTML 7Page - Microchip Technology SST12LF09_13 Datasheet HTML 8Page - Microchip Technology SST12LF09_13 Datasheet HTML 9Page - Microchip Technology SST12LF09_13 Datasheet HTML 10Page - Microchip Technology SST12LF09_13 Datasheet HTML 11Page - Microchip Technology SST12LF09_13 Datasheet HTML 12Page - Microchip Technology SST12LF09_13 Datasheet HTML 13Page - Microchip Technology SST12LF09_13 Datasheet HTML 14Page - Microchip Technology SST12LF09_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2013 Microchip Technology Inc.
DS75083B-page 11
SST12LF09
6.2
Receiver
Test Conditions: VCC = 3.6V, LEN = 3.3V, CRX = 3.3V, PEN = 0V, CBT = 0V,
TA = 25°C, unless otherwise specified
FIGURE 6-7:
RECEIVER S-PARAMETER
FIGURE 6-8:
RECEIVER NOISE FIGURE
-40
-30
-20
-10
0
10
20
0123456789
10
Frequency, GHz
S11
S21
S12
S21
75083 F7.0
75083 F5.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
2.4
2.45
2.5
Frequency, GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com