Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Linearity, WLAN Front-End Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LF09_13 Datasheet HTML 2Page - Microchip Technology SST12LF09_13 Datasheet HTML 3Page - Microchip Technology SST12LF09_13 Datasheet HTML 4Page - Microchip Technology SST12LF09_13 Datasheet HTML 5Page - Microchip Technology SST12LF09_13 Datasheet HTML 6Page - Microchip Technology SST12LF09_13 Datasheet HTML 7Page - Microchip Technology SST12LF09_13 Datasheet HTML 8Page - Microchip Technology SST12LF09_13 Datasheet HTML 9Page - Microchip Technology SST12LF09_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SST12LF09
DS75083B-page 6
 2013 Microchip Technology Inc.
TABLE 5-3:
TX CHAIN RF CHARACTERISTICS AT VCC = 3.6V, PEN=3.1V, 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
Linearity,
Output Power with <3% EVM, 802.11g @ 54 Mbps OFDM
17
dBm
Output Power level 1.75% Dynamic EVM, 256 QAM, 40 MHz
15
dBm
Output Power level 2.5% Dynamic EVM, 802.11n, HT40
16
dBm
Spectrum Mask compliance, IEEE802.11b
21
dBm
G
Gain
22
24
dB
RLIN
Input return loss at TX port
14
dB
VDET
Power detector output voltage at POUT=5 dBm, IEEE802.11g
0.25
0.35
V
Power detector output voltage at POUT= 20 dBm,
0.55
0.65
V
2f, 3f, 4f, 5f
Harmonics at 17 dBm
-30
dBm/
MHz
TABLE 5-4:
TX CHAIN RF CHARACTERISTICS AT VCC = 5.0V, PEN=3.1V, 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
Linearity,
Output Power with <3% EVM, 802.11g @ 54 Mbps OFDM
18
dBm
Output Power level 1.75% Dynamic EVM, 256 QAM, 40 MHz
16
dBm
Output Power level 2.5% Dynamic EVM, 802.11n, HT40
17
dBm
Spectrum Mask compliance, IEEE802.11b
22
dBm
G
Gain
22
24
dB
RLIN
Input return loss at TX port
14
dB
VDET
Power detector output voltage at POUT=5 dBm, IEEE802.11g
0.25
0.35
V
VDET
Power detector output voltage at POUT= 20 dBm,
0.55
0.65
V
2f, 3f, 4f, 5f
Harmonics at 17 dBm
-30
dBm/
MHz
TABLE 5-5:
RX CHAIN RF CHARACTERISTICS AT VCC = 3.6V–5V, LEN=3.1V, CRX = 3.1V, 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
G
Gain, with LNA ON
12
dB
NF
Noise figure, with LNA ON
2.5
dB
IP1dB
Input P1dB, with LNA ON
-6
dBm
Loss
LNA bypass loss
9dB
RLIN
Input return loss at Antenna port with LNA
12
dB
TABLE 5-6:
BLUETOOTH CHAIN RF CHARACTERISTICS AT VCC = 3.6V–5V, CBT=3.1V, 25°C
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
L
Loss
1.6
dB
RL
Return Loss
8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com