Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LF09 Datasheet(PDF) 16 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Linearity, WLAN Front-End Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST12LF09_13 Datasheet HTML 10Page - Microchip Technology SST12LF09_13 Datasheet HTML 11Page - Microchip Technology SST12LF09_13 Datasheet HTML 12Page - Microchip Technology SST12LF09_13 Datasheet HTML 13Page - Microchip Technology SST12LF09_13 Datasheet HTML 14Page - Microchip Technology SST12LF09_13 Datasheet HTML 15Page - Microchip Technology SST12LF09_13 Datasheet HTML 16Page - Microchip Technology SST12LF09_13 Datasheet HTML 17Page - Microchip Technology SST12LF09_13 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
SST12LF09
DS75083B-page 16
 2013 Microchip Technology Inc.
8.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
Device
Device:
SST12LF09
= 2.4 GHz High-Gain, High-Efficiency
Front-end Module
Package:
Q3CE
= X2QFN (2.5mm x 2.5mm), 0.4 max
thickness 16-contact
Evaluation Kit
Flag
K
= Evaluation Kit
Valid Combinations:
SST12LF09-Q3CE
SST12LF09-Q3CE-K
XXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com