Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM335
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM335 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM335 Datasheet HTML 1Page - National Semiconductor (TI) LM335 Datasheet HTML 2Page - National Semiconductor (TI) LM335 Datasheet HTML 3Page - National Semiconductor (TI) LM335 Datasheet HTML 4Page - National Semiconductor (TI) LM335 Datasheet HTML 5Page - National Semiconductor (TI) LM335 Datasheet HTML 6Page - National Semiconductor (TI) LM335 Datasheet HTML 7Page - National Semiconductor (TI) LM335 Datasheet HTML 8Page - National Semiconductor (TI) LM335 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 4)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
15 mA
Forward Current
10 mA
Storage Temperature
TO-46 Package
−60˚C to +180˚C
TO-92 Package
−60˚C to +150˚C
SO-8 Package
−65˚C to +150˚C
Specified Operating Temp. Range
Continuous
Intermittent
(Note 2)
LM135, LM135A
−55˚C to +150˚C
150˚C to 200˚C
LM235, LM235A
−40˚C to +125˚C
125˚C to 150˚C
LM335, LM335A
−40˚C to +100˚C
100˚C to 125˚C
Lead Temp. (Soldering, 10 seconds)
TO-92 Package:
260˚C
TO-46 Package:
300˚C
SO-8 Package:
300˚C
Vapor Phase (60 seconds):
215˚C
Infrared (15 seconds):
220˚C
Temperature Accuracy (Note 1)
LM135/LM235, LM135A/LM235A
Parameter
Conditions
LM135A/LM235A
LM135/LM235
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
T
C = 25˚C, IR = 1 mA
2.97
2.98
2.99
2.95
2.98
3.01
V
Uncalibrated Temperature Error
T
C = 25˚C, IR = 1 mA
0.5
1
1
3
˚C
Uncalibrated Temperature Error
T
MIN ≤ TC ≤ TMAX,IR = 1 mA
1.3
2.7
2
5
˚C
Temperature Error with 25˚C
T
MIN ≤ TC ≤ TMAX,IR = 1 mA
0.3
1
0.5
1.5
˚C
Calibration
Calibrated Error at Extended
T
C =TMAX (Intermittent)
2
2
˚C
Temperatures
Non-Linearity
I
R = 1 mA
0.3
0.5
0.3
1
˚C
Temperature Accuracy (Note 1)
LM335, LM335A
Parameter
Conditions
LM335A
LM335
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
T
C = 25˚C, IR = 1 mA
2.95
2.98
3.01
2.92
2.98
3.04
V
Uncalibrated Temperature Error
T
C = 25˚C, IR = 1 mA
13
26
˚C
Uncalibrated Temperature Error
T
MIN ≤ TC ≤ TMAX,IR = 1 mA
25
49
˚C
Temperature Error with 25˚C
T
MIN ≤ TC ≤ TMAX,IR = 1 mA
0.5
1
1
2
˚C
Calibration
Calibrated Error at Extended
T
C =TMAX (Intermittent)
2
2
˚C
Temperatures
Non-Linearity
I
R = 1 mA
0.3
1.5
0.3
1.5
˚C
Electrical Characteristics (Note 1)
LM135/LM235
LM335
Parameter
Conditions
LM135A/LM235A
LM335A
Units
Min
Typ
Max
Min
Typ
Max
Operating Output Voltage
400 µA
≤I
R≤5 mA
2.5
10
3
14
mV
Change with Current
At Constant Temperature
Dynamic Impedance
I
R=1 mA
0.5
0.6
Ω
Output Voltage Temperature
+10
+10
mV/˚C
Coefficient
Time Constant
Still Air
80
80
sec
100 ft/Min Air
10
10
sec
Stirred Oil
1
1
sec
Time Stability
T
C=125˚C
0.2
0.2
˚C/khr
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com