Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM335
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM335 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM335 Datasheet HTML 6Page - National Semiconductor (TI) LM335 Datasheet HTML 7Page - National Semiconductor (TI) LM335 Datasheet HTML 8Page - National Semiconductor (TI) LM335 Datasheet HTML 9Page - National Semiconductor (TI) LM335 Datasheet HTML 10Page - National Semiconductor (TI) LM335 Datasheet HTML 11Page - National Semiconductor (TI) LM335 Datasheet HTML 12Page - National Semiconductor (TI) LM335 Datasheet HTML 13Page - National Semiconductor (TI) LM335 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Typical Applications (Continued)
Centigrade Calibrated Thermocouple Thermometer
DS005698-12
Terminate thermocouple reference junction in close proximity to LM335.
Adjustments:
1. Apply signal in place of thermocouple and adjust R3 for a gain of 245.7.
2. Short non-inverting input of LM308A and output of LM329B to ground.
3. Adjust R1 so that VOUT = 2.982V @ 25˚C.
4. Remove short across LM329B and adjust R2 so that VOUT = 246 mV @ 25˚C.
5. Remove short across thermocouple.
Fast Charger for Nickel-Cadmium Batteries
DS005698-13
†Adjust D1 to 50 mV greater VZ than D2.
Charge terminates on 5˚C temperature rise. Couple D2 to battery.
Differential Temperature Sensor
DS005698-7
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com