Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM335
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM335 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM335 Datasheet HTML 1Page - National Semiconductor (TI) LM335 Datasheet HTML 2Page - National Semiconductor (TI) LM335 Datasheet HTML 3Page - National Semiconductor (TI) LM335 Datasheet HTML 4Page - National Semiconductor (TI) LM335 Datasheet HTML 5Page - National Semiconductor (TI) LM335 Datasheet HTML 6Page - National Semiconductor (TI) LM335 Datasheet HTML 7Page - National Semiconductor (TI) LM335 Datasheet HTML 8Page - National Semiconductor (TI) LM335 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM135/LM235/LM335, LM135A/LM235A/LM335A
Precision Temperature Sensors
General Description
The LM135 series are precision, easily-calibrated, integrated
circuit temperature sensors. Operating as a 2-terminal zener,
the LM135 has a breakdown voltage directly proportional to
absolute temperature at +10 mV/˚K. With less than 1
Ω dy-
namic impedance the device operates over a current range
of 400 µA to 5 mA with virtually no change in performance.
When calibrated at 25˚C the LM135 has typically less than
1˚C error over a 100˚C temperature range. Unlike other
sensors the LM135 has a linear output.
Applications for the LM135 include almost any type of tem-
perature sensing over a −55˚C to +150˚C temperature
range. The low impedance and linear output make interfac-
ing to readout or control circuitry especially easy.
The LM135 operates over a −55˚C to +150˚C temperature
range while the LM235 operates over a −40˚C to +125˚C
temperature range. The LM335 operates from −40˚C to
+100˚C. The LM135/LM235/LM335 are available packaged
in hermetic TO-46 transistor packages while the LM335 is
also available in plastic TO-92 packages.
Features
n
Directly calibrated in ˚Kelvin
n
1˚C initial accuracy available
n
Operates from 400 µA to 5 mA
n
Less than 1
Ω dynamic impedance
n
Easily calibrated
n
Wide operating temperature range
n
200˚C overrange
n
Low cost
Schematic Diagram
DS005698-1
November 2000
© 2000 National Semiconductor Corporation
DS005698
www.national.com


Similar Part No. - LM335

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM335 STMICROELECTRONICS-LM335 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
LM335 STMICROELECTRONICS-LM335 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM335 NSC-LM335 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM335 TI-LM335 Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
logo
Silicon Supplies
LM335 SS-LM335 Datasheet
1Mb / 10P
Analog Temperature Sensor
More results

Similar Description - LM335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com