Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM335 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM335
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM335 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM335 Datasheet HTML 4Page - National Semiconductor (TI) LM335 Datasheet HTML 5Page - National Semiconductor (TI) LM335 Datasheet HTML 6Page - National Semiconductor (TI) LM335 Datasheet HTML 7Page - National Semiconductor (TI) LM335 Datasheet HTML 8Page - National Semiconductor (TI) LM335 Datasheet HTML 9Page - National Semiconductor (TI) LM335 Datasheet HTML 10Page - National Semiconductor (TI) LM335 Datasheet HTML 11Page - National Semiconductor (TI) LM335 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Applications (Continued)
Fahrenheit Thermometer
DS005698-24
*To calibrate adjust R2 for 2.554V across LM336.
Adjust R1 for correct output.
THERMOCOUPLE COLD JUNCTION COMPENSATION
Compensation for Grounded Thermocouple
DS005698-6
*Select R3 for proper thermocouple type
THERMO-
R3
SEEBECK
COUPLE
(±1%)
COEFFICIENT
J
377
Ω
52.3 µV/˚C
T
308
Ω
42.8 µV/˚C
K
293
Ω
40.8 µV/˚C
S
45.8
Ω
6.4 µV/˚C
Adjustments: Compensates for both sensor and resistor tolerances
1. Short LM329B
2. Adjust R1 for Seebeck Coefficient times ambient temperature (in degrees K) across R3.
3. Short LM335 and adjust R2 for voltage across R3 corresponding to thermocouple type
J
14.32 mV
K
11.17 mV
T
11.79 mV
S
1.768 mV
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com