Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML1007LDS Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DML1007LDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1007LDS Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button DML1007LDS Datasheet HTML 2Page - Diodes Incorporated DML1007LDS Datasheet HTML 3Page - Diodes Incorporated DML1007LDS Datasheet HTML 4Page - Diodes Incorporated DML1007LDS Datasheet HTML 5Page - Diodes Incorporated DML1007LDS Datasheet HTML 6Page - Diodes Incorporated DML1007LDS Datasheet HTML 7Page - Diodes Incorporated DML1007LDS Datasheet HTML 8Page - Diodes Incorporated DML1007LDS Datasheet HTML 9Page - Diodes Incorporated DML1007LDS Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DML1007LDS
Document number: DS38586 Rev. 2 - 2
7 of 10
www.diodes.com
August 2016
© Diodes Incorporated
DML1007LDS
Detailed Description
ON/OFF Control
The DML1007LDS is enabled when the ON pin is on active high with 1.2V or above voltage. The device is disabled when the ON pin voltage is
0.5V or lower. The EN input is compatible with both TTL and CMOS logic.
VBIAS Voltage Range
For optimal on-resistance of load switch, make sure VIN ≤ 1.5V + VBIAS and VBIAS is within the voltage range from 3.2V to 5.5V. On-resistance of
load switch will be higher if VIN + 1.5V > VBIAS. Resistance curves of a typical sample device at different VBIAS = VIN at IOUT = -200mA are shown as
below.
Applications Information
The basic DML1007LDS application circuit is shown in the second page. Component selection is explained below.
Input Capacitor
A capacitor of 10μF or higher value is recommended to be placed close to the IN pins of DML1007LDS. This capacitor can reduce the voltage drop
caused by the in-rush current during the turn-on transient of the load switch. A higher value capacitor can be used to further reduce the voltage
drop during high-current application.
Output Capacitor
A capacitor of 0
.1μF or higher value is recommended to be placed between the OUT pins and GND. The switching times are affected by the
capacitance. A larger capacitor makes the initial turn-on transient smoother. This capacitor must be large enough to supply a fast transient load in
order to prevent the output from dropping.
Thermal Considerations
To ensure proper operation, the maximum junction temperature of the DML1007LDS should not exceed +150°C. Several factors attribute to the
junction temperate rise: load current, MOSFET on-resistance, junction-to-ambient thermal resistance, and ambient temperature. The maximum
load current can be determined by:
It is noted that the maximum continuous load current is 6A.
Layout Guidelines
Good PCB is important for improving the thermal performance of DML1007LDS. Place the input and output bypass capacitors close to the IN and
OUT pins. The input and output PCB traces should be as wide as possible for the given PCB space. Use a ground plane to enhance the power
dissipation capability of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com