Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML1007LDS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DML1007LDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1007LDS Datasheet(HTML) 1 Page - Diodes Incorporated

  DML1007LDS Datasheet HTML 1Page - Diodes Incorporated DML1007LDS Datasheet HTML 2Page - Diodes Incorporated DML1007LDS Datasheet HTML 3Page - Diodes Incorporated DML1007LDS Datasheet HTML 4Page - Diodes Incorporated DML1007LDS Datasheet HTML 5Page - Diodes Incorporated DML1007LDS Datasheet HTML 6Page - Diodes Incorporated DML1007LDS Datasheet HTML 7Page - Diodes Incorporated DML1007LDS Datasheet HTML 8Page - Diodes Incorporated DML1007LDS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DML1007LDS
Document number: DS38586 Rev. 2 - 2
1 of 10
www.diodes.com
August 2016
© Diodes Incorporated
DML1007LDS
SINGLE CHANNEL SMART LOAD SWITCH
Description and Applications
The DML1007LDS is a single channel load switch with very low on-
resistance in a small package. It contains an N-channel MOSFET for
up to VBIAS-1.5V input voltage operation and 6A current channel with
3.2V to 5.5V bias supply. The load switch is controlled by a low
voltage control signal through ON pin.
Portable Computers
Ultrabooks
Tablet PCs
Set Top Boxed
LCD TV
Telecom/Networking/Datacom Equipment
SSD
Consumer Electronics
Features and Benefits
Low RDS(ON) – Ensures On State Losses Are Minimized
0.8V to VBIAS-1.5V Input Voltage Range
6A Continuous Current
Low RDS(ON) Internal NFETs
8
mΩ at VBIAS = 5V, VIN = 1.05V, TA = +85°C
35µA Low Quiescent Current
200µs Turn On Rise Time
3.2V to 5.5V Bias Voltage
Integrated Quick Output Discharge Resistor
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Ordering Information (Note 4)
Part Number
Case
Packaging
DML1007LDS-7
V-DFN3030-8 (Type R)
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorpor
ated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, EPAD
IN
Load Switch Input. Bypass capacitor is recommended to minimize input voltage dip. Recommended
voltage range of this pin is 0.8V to VBIAS-1.5V to obtain optimal RON.
3
VBIAS
Bias Voltage. Power supply input for the device. Recommended voltage range is 3.2V to 5.5V.
4
ON
Enable Input. Load switch is on when ON is pulled high. Load switch is off when ON is pulled low.
Do not leave floating.
5
GND
Ground.
6, 7, 8
OUT
Load switch output.
Marking Information
Bottom View
Top View
V-DFN3030-8 (Type R)
Pin1
LS07= Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week Code (01 to 53)
LS07
V-DFN3030-8 (Type R)


Similar Part No. - DML1007LDS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1005LDS-7 DIODES-DML1005LDS-7 Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1006LDS DIODES-DML1006LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS-13 DIODES-DML1006LDS-13 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
More results

Similar Description - DML1007LDS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
SINGLE CHANNEL SMART LOAD SWITCH
December 2022 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com