Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML1007LDS Datasheet(PDF) 8 Page - Diodes Incorporated

Part # DML1007LDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1007LDS Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button DML1007LDS Datasheet HTML 2Page - Diodes Incorporated DML1007LDS Datasheet HTML 3Page - Diodes Incorporated DML1007LDS Datasheet HTML 4Page - Diodes Incorporated DML1007LDS Datasheet HTML 5Page - Diodes Incorporated DML1007LDS Datasheet HTML 6Page - Diodes Incorporated DML1007LDS Datasheet HTML 7Page - Diodes Incorporated DML1007LDS Datasheet HTML 8Page - Diodes Incorporated DML1007LDS Datasheet HTML 9Page - Diodes Incorporated DML1007LDS Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DML1007LDS
Document number: DS38586 Rev. 2 - 2
8 of 10
www.diodes.com
August 2016
© Diodes Incorporated
DML1007LDS
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3030-8 (Type R)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V-DFN3030-8 (Type R)
V-DFN3030-8
(Type R)
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0.00
0.05
0.03
A3
--
--
0.203
b
0.25
0.35
0.30
b2
1.55
1.65
1.60
D
2.95
3.05
3.00
D2
2.30
2.50
2.40
E
2.95
3.05
3.00
E2
1.50
1.70
1.60
e
0.65 BSC
k
--
--
0.30
L
0.35
0.45
0.40
L1
0.05
0.15
0.10
z
--
--
0.375
z1
--
--
0.30
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.65
C1
1.30
C2
2.60
G
0.30
X
0.30
X1
1.60
X2
2.40
Y
0.40
Y1
1.60
Seating Plane
D
D2
E
E2
b(8x)
L(8x)
e
b2
L1
A
A1
A3
z
k
z1
PIN1#ID
Y1
X2
C2
C1
X
C
X1
Y
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com