Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DML1007LDS Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DML1007LDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1007LDS Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DML1007LDS Datasheet HTML 2Page - Diodes Incorporated DML1007LDS Datasheet HTML 3Page - Diodes Incorporated DML1007LDS Datasheet HTML 4Page - Diodes Incorporated DML1007LDS Datasheet HTML 5Page - Diodes Incorporated DML1007LDS Datasheet HTML 6Page - Diodes Incorporated DML1007LDS Datasheet HTML 7Page - Diodes Incorporated DML1007LDS Datasheet HTML 8Page - Diodes Incorporated DML1007LDS Datasheet HTML 9Page - Diodes Incorporated DML1007LDS Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DML1007LDS
Document number: DS38586 Rev. 2 - 2
9 of 10
www.diodes.com
August 2016
© Diodes Incorporated
DML1007LDS
Surface Mount Reel Specifications (All dimensions in mm.)
Notes:
5. There shall be a leader of 230mm [9.05 inches] minimum which may consist of carrier and/or cover tape or a start tape followed by a minimum of
160mm [6.30 inches] of empty carrier tape sealed with cover tape.
6. There shall be a trailer of 160mm [6.30 inches] minimum of empty carrier tape sealed with cover tape. The entire carrier tape must release from the
reel hub as the last portion of the tape unwinds from the reel without damage to the carrier tape and the remaining components in the cavities.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com