Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140
Description  VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM140 Datasheet HTML 1Page - National Semiconductor (TI) LM140 Datasheet HTML 2Page - National Semiconductor (TI) LM140 Datasheet HTML 3Page - National Semiconductor (TI) LM140 Datasheet HTML 4Page - National Semiconductor (TI) LM140 Datasheet HTML 5Page - National Semiconductor (TI) LM140 Datasheet HTML 6Page - National Semiconductor (TI) LM140 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MJLM140-05-K REV 0B0
(Absolute Maximum Ratings)
(Note 1)
DC Input Voltage
35V
Internal Power Dissipation
(Note 2)
Internally Limited
Maximum Junction Temperature
150 C
Storage Temperature Range
-65 C to +150 C
Lead Temperature
300 C
(Soldering, 10 seconds)
ESD Susceptibility
(Note 3)
2kV
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Operating Conditions are conditions under which the device functions but the
specification might not be guaranteed. For guaranteed specifications and test
conditions see the Electrical Characteristics.
Note 2:
The maximum allowable power dissipation at any ambient temperature is a function of
the maximum junction temperature for operation (TjMAX = 150 C), the
junction-to-ambient thermal resistance (ThetaJA), and the ambient temperature (TA).
PDMAX = (TjMAX - TA)/ThetaJA. If this dissipation is exceeded, the die temperature
will rise above TjMAX and the electrical specifications do not apply. If the die
temperature rises above 150 C, the device will go into thermal shutdown. The
junction-to-ambient thermal resistance (ThetaJA) is 39 C/W. When using a heatsink,
ThetaJA is the sum of the 4 C/W junction-to-case thermal resistance (ThetaJC) and the
case-to-ambient thermal resistance (ThetaCA) of the heatsink.
Note 3:
Human body model, 100pF discharged through 1.5K Ohms
Recommended Operating Conditions
(Note 1)
Temperature Range (TA)
(Note 2)
-55 C to +125 C
Note 1:
Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Operating Conditions are conditions under which the device functions but the
specification might not be guaranteed. For guaranteed specifications and test
conditions see the Electrical Characteristics.
Note 2:
The maximum allowable power dissipation at any ambient temperature is a function of
the maximum junction temperature for operation (TjMAX = 150 C), the
junction-to-ambient thermal resistance (ThetaJA), and the ambient temperature (TA).
PDMAX = (TjMAX - TA)/ThetaJA. If this dissipation is exceeded, the die temperature
will rise above TjMAX and the electrical specifications do not apply. If the die
temperature rises above 150 C, the device will go into thermal shutdown. The
junction-to-ambient thermal resistance (ThetaJA) is 39 C/W. When using a heatsink,
ThetaJA is the sum of the 4 C/W junction-to-case thermal resistance (ThetaJC) and the
case-to-ambient thermal resistance (ThetaCA) of the heatsink.
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com