Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140
Description  VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM140 Datasheet HTML 1Page - National Semiconductor (TI) LM140 Datasheet HTML 2Page - National Semiconductor (TI) LM140 Datasheet HTML 3Page - National Semiconductor (TI) LM140 Datasheet HTML 4Page - National Semiconductor (TI) LM140 Datasheet HTML 5Page - National Semiconductor (TI) LM140 Datasheet HTML 6Page - National Semiconductor (TI) LM140 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MJLM140-05-K REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
Vout (1)
Output Voltage
Vin = 8V, Il = -5mA
4.75
5.25
V
1, 2,
3
Vin = 8V, Il = -1A
4.75
5.25
V
1, 2,
3
Vin = 20V, Il = -5mA
4.75
5.25
V
1, 2,
3
Vin = 20V, Il = -1A
4.75
5.25
V
1, 2,
3
Vin = 35V, Il = -5mA
4.75
5.25
V
1, 2,
3
Vin = 35V, Il = -0.1A
4.75
5.25
V
1, 2,
3
VRLINE
Line Regulation
8V < Vin < 35V, Il = -0.1A
-150
150
mV
1, 2,
3
8V < Vin < 25V, Il = -0.5A
-50
50
mV
1, 2,
3
VRLOAD
Load Regulation
Vin = 10V, -1A < Il < -5mA
-100
100
mV
1, 2,
3
Vin = 35V, -0.1A < Il < -5mA
-150
150
mV
1, 2,
3
ISCD
Stand by Current
Drain
Vin = 10V, Il = -5mA
-7
-0.5
mA
1, 2,
3
Vin = 35V, Il = -5mA
-8
-0.5
mA
1, 2,
3
DELTA ISCD
(LINE)
Stand by Current
Drain vs. Line
Voltage
8V < Vin < 35V, Il = -5mA
-1
1
mA
1, 2,
3
DELTA ISCD
(LOAD)
Stand by Current
Drain vs. Load
Current
Vin = 10V, -1A < Il < -5mA
-0.5
0.5
mA
1, 2,
3
IOL
Overload Current
Vin = 8V, FORCED DELTA Vout = -0.48V
-4
-1
A
1, 2,
3
IOS
Output Short
Circuit Current
Vin = 10V
-4
-0.02
A
1, 2,
3
Vin = 25V
-3
-0.02
A
1, 2,
3
Vin = 35V
-2
-0.02
A
1, 2,
3
Vout (2)
Output Voltage
Vin = 10V, Il = -5mA
2
4.7
5.3
V
2
Vout (3)
Output Voltage
Vin = 10V, Il = -5mA
3
4.75
5.25
V
7, 8A,
8B
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com