Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140
Description  VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM140 Datasheet HTML 1Page - National Semiconductor (TI) LM140 Datasheet HTML 2Page - National Semiconductor (TI) LM140 Datasheet HTML 3Page - National Semiconductor (TI) LM140 Datasheet HTML 4Page - National Semiconductor (TI) LM140 Datasheet HTML 5Page - National Semiconductor (TI) LM140 Datasheet HTML 6Page - National Semiconductor (TI) LM140 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Original Creation Date: 05/10/95
Last Update Date: 02/17/97
Last Major Revision Date: 05/10/95
MJLM140-05-K REV 0B0
MICROCIRCUIT DATA SHEET
VOLTAGE REGULATOR, +5 VOLTS AT 1.0A
General Description
The LM140 monolithic 3-terminal positive voltage regulators employ internal current
limiting, thermal shutdown and safe-area compensation, making them essentially
indestructible. If adequate heat sinking is provided, they can deliver over 1.0A output
current. They are intended as fixed voltage regulators in a wide range of applications
including local (on-card) regulation for elimination of noise and distribution problems
associated with single-point regulation. In addition to use as fixed voltage regulators,
these devices can be used with external components to obtain adjustable output voltages
and currents.
Considerable effort was expended to make the entire series of regulators easy to use and
minimize the number of external components. It is not necessary to bypass the output,
although this does improve transient response. Input bypassing is needed only if the
regulator is located far from the filter capacitor of the power supply.
NS Part Numbers
JL140-5BYA
JL140-5SYA
Industry Part Number
LM140
Prime Die
LM140
Controlling Document
38510/10706
REV C
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM140

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
87Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM140

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42141 MICROPAC-42141 Datasheet
93Kb / 2P
POSITIVE REGULATOR 5 VOLTS
logo
National Semiconductor ...
LM140AK-12 NSC-LM140AK-12 Datasheet
28Kb / 7P
VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
VOLTAGE REGULATOR -5 VOLTS AT .5A
logo
List of Unclassifed Man...
LA317 ETC2-LA317 Datasheet
436Kb / 9P
1.0A Adjustable Positive Voltage Regulator
logo
TAITRON Components Inco...
LA317 TAITRON-LA317 Datasheet
436Kb / 9P
1.0A Adustable Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
S52D00D KODENSHI-S52D00D Datasheet
471Kb / 10P
Low Dropout Voltage Regulator (1.0A Series)
S78D18Q KODENSHI-S78D18Q Datasheet
518Kb / 11P
Low Dropout Voltage Regulator (1.0A Series)
logo
Infineon Technologies A...
IFX7805 INFINEON-IFX7805 Datasheet
1Mb / 18P
Three Terminal 1.0A Positive Voltage Regulator
Rev. 1.0, 2013-07-15
logo
Tiger Electronic Co.,Lt...
LM7812F TGS-LM7812F Datasheet
266Kb / 1P
3-Terminal 1.0A Positive Voltage Regulator
logo
Princeton Technology Co...
RS1117A PTC-RS1117A Datasheet
229Kb / 3P
1.0A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com