Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM140
Description  VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM140 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM140 Datasheet HTML 1Page - National Semiconductor (TI) LM140 Datasheet HTML 2Page - National Semiconductor (TI) LM140 Datasheet HTML 3Page - National Semiconductor (TI) LM140 Datasheet HTML 4Page - National Semiconductor (TI) LM140 Datasheet HTML 5Page - National Semiconductor (TI) LM140 Datasheet HTML 6Page - National Semiconductor (TI) LM140 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MJLM140-05-K REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
DELTA
Vout/
DELTA T
Average
Temperature
Coefficient
Output Voltage
Vin = 10V, Il = -5mA
4
-2
2
mV/ C 8A, 8B
AC PARAMETERS
NO
Output Noise
Voltage
Vin = 10V, Il = -0.1A
125
uVrms 7
DELTA
Vout/Vin
Transient Line
Response
Vin = 10V, VPulse = 3V, Il = -5mA
1
30
mV/V
7
DELTA
Vout/Il
Transient Load
Response
Vin=10V, DELTA/Il = -400mA, Il =
-100mA
1
2.5
mV/mA 7
DELTA
Vin/Vout
Ripple Rejection
Vin = 10V, ei = 1Vrms at f = 2400Hz,
Il = -350mA
60
dB
4
DC PARAMETERS: DRIFT VALUES
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
"Delta calculations performed on JAN S and QMLV devices at group B, subgroup 5 only".
Vout
Output Voltage
Vin = 8V, Il = -5mA
-0.025
0.025
V
1
Vin = 8V, Il = -1A
-0.025
0.025
V
1
Vin = 20V, Il = -5mA
-0.025
0.025
V
1
Vin = 20V, Il = -1A
-0.025
0.025
V
1
Vin = 35V, Il = -5mA
-0.025
0.025
V
1
Vin = 35V, Il = -0.1A
-0.025
0.025
V
1
ISCD
Stand by Current
Drain
Vin = 10V, Il = -5mA
-20
20
%
1
Note 1:
Bench test
Note 2:
Tested at TA = +125 C, correlated to TA = +150 C.
Note 3:
Tested at extremes as a set up for DELTA Vout/DELTA T tests.
Note 4:
Calculated parameter
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com