Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3248BKS-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG3248BKS-R2
Description  2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3248BKS-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADG3248BKS-R2 Datasheet HTML 1Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 2Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 3Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 4Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 5Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 6Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 7Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 8Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
–4–
ADG3248
TERMINOLOGY
VCC
Positive Power Supply Voltage.
GND
Ground (0 V) Reference.
VINH
Minimum Input Voltage for Logic 1.
VINL
Maximum Input Voltage for Logic 0.
II
Input Leakage Current at the Control Inputs.
IOZ
OFF State Leakage Current. It is the maximum leakage current at the switch pin in the OFF state.
IOL
ON State Leakage Current. It is the maximum leakage current at the switch pin in the ON state.
VP
Maximum Pass Voltage. The maximum pass voltage relates to the clamped output voltage of an NMOS device when
the switch input voltage is equal to the supply voltage.
RON
Ohmic Resistance Offered by a Switch in the ON State. It is measured at a given voltage by forcing a specified
amount of current through the switch.
RON
ON Resistance Match between Any Two Channels, i.e., RON max – RON min.
CX OFF
OFF Switch Capacitance.
CX ON
ON Switch Capacitance.
CIN
Control Input Capacitance. This consists of IN.
ICC
Quiescent Power Supply Current. This current represents the leakage current between the VCC and ground pins.
It is measured when all control inputs are at a logic high or low level and the switches are OFF.
tPLH, tPHL
Data Propagation Delay through the Switch in the ON State. Propagation delay is related to the RC time constant
RON
× C
L, where CL is the load capacitance.
tBBM
On or Off time measured between the 90% points of both switches when switching from one to another.
tTRANS
Time taken to switch from one channel to the other, measured from 50% of the IN signal to 90% of the
OUT signal.
Max Data Rate
Maximum Rate at which Data Can Be Passed through the Switch.
Channel Jitter
Peak-to-Peak Value of the Sum of the Deterministic and Random Jitter of the Switch Channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com