Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3248BKS-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG3248BKS-R2
Description  2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3248BKS-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADG3248BKS-R2 Datasheet HTML 1Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 2Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 3Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 4Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 5Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 6Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 7Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 8Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
ADG3248–SPECIFICATIONS1
B Version
Parameter
Symbol
Conditions
Min
Typ
2
Max
Unit
DC ELECTRICAL CHARACTERISTICS
Input High Voltage
VINH
VCC = 2.7 V to 3.6 V
2.0
V
VINH
VCC = 2.3 V to 2.7 V
1.7
V
Input Low Voltage
VINL
VCC = 2.7 V to 3.6 V
0.8
V
VINL
VCC = 2.3 V to 2.7 V
0.7
V
Input Leakage Current
II
±0.01
± 1
µA
OFF State Leakage Current
IOZ
0
≤ A, B ≤ V
CC
±0.01
± 1
µA
ON State Leakage Current
0
≤ A, B ≤ V
CC
±0.01
±1
µA
Maximum Pass Voltage
VP
VA/VB = VCC = 3.3 V, IO = –5
µA
2.0
2.5
2.9
V
VA/VB = VCC = 2.5 V, IO= –5
µA
1.5
1.8
2.1
V
CAPACITANCE
3
A Port Off Capacitance
CA OFF
f = 1 MHz
3.5
pF
B Port Off Capacitance
CB OFF
f = 1 MHz
4.5
pF
A, B Port On Capacitance
CA, CB ON
f = 1 MHz
8.5
pF
Control Input Capacitance
CIN
f = 1 MHz
4
pF
SWITCHING CHARACTERISTICS
3
Propagation Delay A to B or B to A, tPD
4
tPHL, tPLH
CL = 50 pF, VCC = 3 V
0.225
ns
Propagation Delay Matching
5
5ps
Transition Time
tTRANS
RL = 510
Ω, C
L = 50 pF
16
29
ns
Break-before-Make Time
tBBM
RL = 510
Ω, C
L = 50 pF
5
10
ns
Maximum Data Rate
VCC = 3.3 V; VA/VB = 2 V
1.244
Gbps
Channel Jitter
VCC = 3.3 V; VA/VB = 2 V
45
ps p-p
DIGITAL SWITCH
On Resistance
RON
VCC = 3 V, VA = 0 V, IBA = 8 mA
4.5
8
Ω
VCC = 3 V, VA = 1.7 V, IBA = 8 mA
12
28
Ω
VCC = 2.3 V, VA = 0 V, IBA = 8 mA
5
9
Ω
VCC = 2.3 V, VA = 1 V, IBA = 8 mA
9
18
Ω
On Resistance Matching
RON
VCC = 3 V, VA = 0 V, IA = 8 mA
0.1
0.5
Ω
POWER REQUIREMENTS
VCC
2.3
3.6
V
Quiescent Power Supply Current
ICC
Digital Inputs = 0 V or VCC
0.01
1
µA
NOTES
1Temperature range is as follows: B Version: –40
°C to +85°C.
2Typical values are at 25
°C, unless otherwise stated.
3Guaranteed by design, not subject to production test.
4The digital switch contributes no propagation delay other than the RC delay of the typical R
ON of the switch and the load capacitance when driven by an ideal voltage
source. Since the time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagation delay to the system. Propagation delay
of the digital switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
5Propagation delay matching between channels is calculated from the on resistance matching and load capacitance of 50 pF.
Specifications subject to change without notice.
(VCC = 2.3 V to 3.6 V, GND = 0 V, all specifications TMIN to TMAX, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com