Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3248BKS-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3248BKS-R2
Description  2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3248BKS-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3248BKS-R2 Datasheet HTML 4Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 5Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 6Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 7Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 8Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 9Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 10Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 11Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADG3248
Multiplexing
Many systems, such as docking stations and memory banks,
have a large number of common bus signals. Common prob-
lems faced by designers of these systems include
• Large delays caused by capacitive loading of the bus
• Noise due to simultaneous switching of the address and data
bus signals
Figure 6 shows an array of memory banks in which each address
and data signal is loaded by the sum of the individual loads. If
a bus switch is used as shown in Figure 7, the output load on
the memory address and data bits is halved. The speed at which
the selected bank’s data can flow is much improved
because the capacitance loading is halved and the switches
introduce negligible propagation delay. Bus noise is also reduced.
MEMORY
ADDRESS
DATA
MEMORY
BANK B
MEMORY
BANK C
MEMORY
BANK D
MEMORY
BANK A
Figure 6. All Memory Banks Are Permanently
Connected to the Bus
MEMORY
ADDRESS
DATA
MEMORY
BANK B
MEMORY
BANK C
MEMORY
BANK D
MEMORY
BANK A
Figure 7. ADG3248 Used to Reduce Both Access
Time and Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com