Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3248BKS-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3248BKS-R2
Description  2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3248BKS-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3248BKS-R2 Datasheet HTML 2Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 3Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 4Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 5Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 6Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 7Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 8Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 9Page - Analog Devices ADG3248BKS-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
–6–
ADG3248
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
0
1
–2
–1
–4
–3
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–6
–7
–5
–8
TPC 10. Bandwidth vs. Frequency
25
20
–40
–20
0
TEMPERATURE ( C)
20
80 85
60
40
15
10
5
0
VCC = 2.5V
VCC = 3.3V
TPC 13. Transition Time vs.
Temperature
38.7mV/DIV
133.7ps/DIV
VCC = 3.3V
VIN = 2V p-p
20dB
ATTENUATION
TA = 25 C
TPC 16. Eye Pattern; 1.244 Gbps,
VCC = 3.3 V, PRBS 31
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–10
0
–30
–20
–50
–40
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–70
–80
–60
–100
–90
TPC 11. Crosstalk vs. Frequency
DATA RATE (Gbps)
0.5
60
70
80
90
100
50
40
30
20
10
0
VCC = 3.3V
VA = 1.5V p-p
20dB ATTENUATION
0.7
0.9
1.1
1.3
1.5
1.7
1.9
TPC 14. Jitter vs. Data Rate;
PRBS 31
20mV/DIV
166.3ps/DIV
VCC = 2.5V
VIN = 1V p-p
20dB
ATTENUATION
TA = 25 C
TPC 17. Eye Pattern; 1 Gbps,
VCC = 2.5 V, PRBS 31
TA = 25 C
VCC = 3.3V/2.5V
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–10
0
–30
–20
–50
–40
0.03 0.1
1.0
FREQUENCY (MHz)
10
1000
100
–70
–80
–60
–100
–90
TPC 12. Off Isolation vs.
Frequency
DATA RATE (Gbps)
0.5
60
70
80
85
90
95
100
75
65
55
50
1.5
1.3
1.1
0.9
0.7
1.7
1.9
VCC = 3.3V
VA = 1.5V p-p
20dB ATTENUATION
% EYE WIDTH = ((CLOCK PERIOD –
JITTER p-p)/CLOCK PERIOD)
100%
TPC 15. Eye Width vs. Data Rate;
PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com