Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3250 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 67Page - STMicroelectronics ADE3250 Datasheet HTML 68Page - STMicroelectronics ADE3250 Datasheet HTML 69Page - STMicroelectronics ADE3250 Datasheet HTML 70Page - STMicroelectronics ADE3250 Datasheet HTML 71Page - STMicroelectronics ADE3250 Datasheet HTML 72Page - STMicroelectronics ADE3250 Datasheet HTML 73Page - STMicroelectronics ADE3250 Datasheet HTML 74Page - STMicroelectronics ADE3250 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
71/88
ADE3XXX
OSD Block
15
10
[7:3]
Window 3 Column Start
[2]
Window 3 Visibility
0: Off
1: On
[1]
Reserved
[0]
Window 3 Shadow Enable
15
2
[7:3]
Window 0 Column End
[2:0]
Reserved
15
5
[7:3]
Window 1 Column End
[2:0]
Reserved
15
8
[7:3]
Window 2 Column End
[2:0]
Reserved
15
11
[7:3]
Window 3 Column End
[2:0]
Reserved
15
16
[7:6]
Window 3 Shadow Width
[5:4]
Window 2 Shadow Width
[3:2]
Window 1 Shadow Width
[1:0]
Window 0 Shadow Width
15
17
[7:6]
Window 3 Shadow Height
[5:4]
Window 2 Shadow Height
[3:2]
Window 1 Shadow Height
[1:0]
Window 0 Shadow Height
15
21
[7:4]
Reserved
[3]
Window 3 Color LUT Select
[2]
Window 2 Color LUT Select
[1]
Window 1 Color LUT Select
[0]
Window 0 Color LUT Select
0 to 14
30
[7:3]
Reserved
[2]
MSB of Background Color for the Row
[1]
Double High Enable for the Row
[0]
Double Wide Enable for the Row
0 to 14
0 to 29
[7:5]
3 LSBs of Background Color for 1bpp Chars
No Function for 4bpp Color Chars
[4]
Blink Enable
[3:0]
Foreground Color For 1bpp Chars
For 4bpp Color Chars
[3:2]: Reserved
[1]: Flip Vertical
[0]: Flip Horizontal
Table 24: OSD Attribute Map Definition (Sheet 2 of 2)
Row
Column
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com