Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3250 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 11Page - STMicroelectronics ADE3250 Datasheet HTML 12Page - STMicroelectronics ADE3250 Datasheet HTML 13Page - STMicroelectronics ADE3250 Datasheet HTML 14Page - STMicroelectronics ADE3250 Datasheet HTML 15Page - STMicroelectronics ADE3250 Datasheet HTML 16Page - STMicroelectronics ADE3250 Datasheet HTML 17Page - STMicroelectronics ADE3250 Datasheet HTML 18Page - STMicroelectronics ADE3250 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
15/88
ADE3XXX
Global Control Block
GLBL_CLK_SRC_SEL_2
0x0002
[7]
0x0
Reserved
R/W
[6:4]
0x4
LLK CTRL CLK source
0x0: YUVCLK pin
0x1: SCLK freq synth
0x2: LLKPLL control clock (normal)
0x3: CLKIN pin
0x4: crystal clock
0x5: 0
0x6 - 0x7: Reserved
[3]
Reserved
R/W
[2:0]
0x4
LLK ZERO CLK source
0x0: YUVCLK pin
0x1: SCLK freq synth
0x2: LLKPLL zero clock (normal)
0x3: CLKIN pin
0x4: crystal clock
0x5: 0
0x6 - 0x7: Reserved
GLBL_CLK_INV
0x0003
[7]
0x0
Reserved
R/W
[6]
0x0
Invert YUV clock
R/W
[5]
0x0
Invert DVI detect clock
R/W
[4]
0x0
Invert ADC clock
R/W
[3]
0x0
Invert LLPLL zero clock
R/W
[2]
0x0
Invert LLPLL ctrl clock
R/W
[1]
0x0
Invert DOT clock
R/W
[0]
0x0
Invert input clock
GLBL_ANA_PWR
0x0005
[7:5]
0x0
Reserved
R/W
[4]
0x1
Blue ADC power down
R/W
[3]
0x1
Green ADC power down
R/W
[2]
0x1
Red ADC power down
R/W
[1]
0x1
DVI detect clock power down
R/W
[0]
0x1
DVI PLL power down
GLBL_XK_SRST
0x0006
[7:3]
0x0
Reserved
R/W
[2]
0x0
SMEAS block reset, synchronous to XCLK
R/W
[1]
0x0
SRT block reset, synchronous to XCLK
R/W
[0]
0x0
Frame sync block reset, synchronous to
XCLK
GLBL_I2C_CTRL
0x0007
[7:3]
0x0
Reserved
R/W
[2]
0x0
Disable I2C auto increment
R/W
[1]
0x0
SDA PMOS enable
R/W
[0]
0x0
Bypass I2C filter
GLBL_XTAL_CTRL
0x0008
[7:1]
0x0
Reserved
R/W
[0]
0x1
Crystal Oscillator Enable
Table 4: Global Registers (Sheet 2 of 4)
Register Name
Addr.
Mode
Bits
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com