Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3250 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 9Page - STMicroelectronics ADE3250 Datasheet HTML 10Page - STMicroelectronics ADE3250 Datasheet HTML 11Page - STMicroelectronics ADE3250 Datasheet HTML 12Page - STMicroelectronics ADE3250 Datasheet HTML 13Page - STMicroelectronics ADE3250 Datasheet HTML 14Page - STMicroelectronics ADE3250 Datasheet HTML 15Page - STMicroelectronics ADE3250 Datasheet HTML 16Page - STMicroelectronics ADE3250 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
13/88
ADE3XXX
Global Control Block
2
ADE3XXX Functional Description
2.1
Global Control Block
The global control block is responsible for:
q
Selecting Clock Sources
q
Power Control
q
I²C Control
q
SCLK Frequency Synthesizer Control
q
Block-by-Block Synchronous Reset Generation
The global control block runs on the XCLK clock domain which is required to be active for
programming. The clock domains of all other blocks are set in the Global Control Block. For I²C
access, the requested block must be driven with a valid clock above 10 MHz. Clock domains are
shown in Figure 2.
To program the SCLK frequency synthesizer to a desired frequency (fout, in MHz), the following
equations apply:
Figure 2: Clock Domains
Table 3: SCLK Frequency Ranges
Frequency Range
SDIV
fOUT < 8 x fXCLK AND fOUT ≥ 4 x fXCLK
0
fOUT < 4 x fXCLK AND fOUT ≥ 2 x fXCLK
1
fOUT < 2 x fXCLK AND fOUT ≥ fXCLK
2
ADC (Analog)
DVI Rx (Analog)
YUV to RGB
SCLK
Freq.Synth.
Line Lock
PLL
Sync
Measure
I2C
Data
Measure
ADC Digital I/F
Scaler
Output
Sequencer
ADE3XXX
PC Analog
INR, G, B
V,H,CSYNC
DVI Link
RX0-2, RXC
FM Freq.
Synth.
Sync
Re-Time
TCON
Flicker
Detect
PWM
DVI Decoder
HDCP
YUV Video
YUV, YUVCLK
Global
Microcontroller
SCL, SDA
ORA, OGA, OBA
ORB, OGB, OBB
OCLK
ODE, OHS, OVS
TCON
DMUX
SMUX
data
data
data
INCLK
domain
SCLK
domain
DOTCLK
domain
XCLK
domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com