Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3250 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ADE3250
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3250 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ADE3250 Datasheet HTML 14Page - STMicroelectronics ADE3250 Datasheet HTML 15Page - STMicroelectronics ADE3250 Datasheet HTML 16Page - STMicroelectronics ADE3250 Datasheet HTML 17Page - STMicroelectronics ADE3250 Datasheet HTML 18Page - STMicroelectronics ADE3250 Datasheet HTML 19Page - STMicroelectronics ADE3250 Datasheet HTML 20Page - STMicroelectronics ADE3250 Datasheet HTML 21Page - STMicroelectronics ADE3250 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ADC Block
ADE3XXX
18/88
where fOUT and fXCLK are in MHz.
The maximum output frequency of the fm frequency synthesizer is fXTAL x 2
(2+NDIV).
Note that native duty cycle of the fm frequency synthesizer is not 50/50. We recommend to either
enable the divide-by-two in the fm synthesizer block for frequencies up to fXCLK x 2
(1+NDIV) (typically
108 MHz) or set the output mux to a double wide output mode for pixel clocks above fXCLK x
2(1+NDIV). This will ensure a 50% duty clock on the output.
2.3
ADC Block
The analog port consists of three 9-bit RGB ADCs with preamp, gain/offset adjustment and digital
filtering. The I2C interface for the ADC block is in the INCLK clock domain which must be active for
programming.
Input voltage, gain and offset register settings are approximately related to the output code. In this
equation, the output code (OUTPUT_CODE_8B) is equal to:
457 x offset / 28 + 181 x gain x input_mV / 216 - 125 x gain x offset / 216 - 219
Table 5: FM Frequency Synthesizer Registers
Register Name
Addr
Mode
Bits
Default
Description
FM_FS_CTRL
0x0830
[7:4]
Reserved
R/W
[3]
0x0
Clear the FM synthesizer
R/W
[2]
0x0
Clear the FS accumulator
R/W
[1]
0x0
Activate the frequency modulation
R/W
[0]
0x0
Divide the output by 2
FM_FS_PR_0
0x0831
R/W
[7:0]
0x8000000
Phase Rate
FM_FS_PR_1
0x0832
R/W
[7:0]
FM_FS_PR_2
0x0833
R/W
[7:0]
FM_FS_PR_3
0x0834
R/W
[7:0]
FM_FS_AMPLITUDE
0x0835
R/W
[7:0]
0x0
LSB = 72 ps
FM_FS_PERIODX64
0x0836
R/W
[7:0]
0x80
LSB = 1.185 µs
Table 6: ADC Registers
Register
Addr.
Mode
Bits
Default
Description
ADC_DITHER
0x0324
[7]
Reserved
R/W
[6]
0x0
Dither Horizontally
R/W
[5]
0x0
Dither Vertically
R/W
[4]
0x0
Dither Temporally
R/W
[3]
0x0
Force Dither High
R/W
[2]
0x0
Enable Dither
[1:0]
Reserved
ADC_OFFSET_R
0x0326
R/W
[7:0]
0x0
Offset Control, Red Channel
ADC_OFFSET_G
0x0328
R/W
[7:0]
0x0
Offset Control, Green Channel
ADC_OFFSET_B
0x0329
R/W
[7:0]
0x0
Offset Control, Blue Channel
ADC_GAIN_R
0x032A
R/W
[7:0]
0x0
Gain Control, Red Channel
ADC_GAIN_G
0x032B
R/W
[7:0]
0x0
Gain Control, Green Channel
ADC_GAIN_B
0x032C
R/W
[7:0]
0x0
Gain Control, Blue Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com