Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV853 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 2 Page - Supertex, Inc

  HV853_08 Datasheet HTML 1Page - Supertex, Inc HV853_08 Datasheet HTML 2Page - Supertex, Inc HV853_08 Datasheet HTML 3Page - Supertex, Inc HV853_08 Datasheet HTML 4Page - Supertex, Inc HV853_08 Datasheet HTML 5Page - Supertex, Inc HV853_08 Datasheet HTML 6Page - Supertex, Inc HV853_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
HV853
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Ordering Information
DEVICE
Package Options
10-Lead DFN
3.00x3.00mm body
0.80mm height (max)
0.50mm pitch
8-Lead MSOP
3.00x3.00mm body
1.10mm height (max)
0.65mm pitch
HV853
HV853K7-G
HV853MG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
DD, supply voltage
-0.5V to 6.5V
Storage temperature
-65°C to +150°C
Power dissipation (10-Lead DFN)
1.6W
Power dissipation (8-Lead MSOP)
300mW
Sym
Parameter
Min
Typ
Max
Units Conditions
I
DDQ
Quiescent current
-
-
150
nA
EN = 0V
V
A or VB
Peak output voltage
68
80
92
V
No load
V
A-VB
Peak to peak output voltage
136
160
184
V
I
DD
Operating current
-
15
30
mA
See Figure 1
V
DD = 3.5V
R
EL = 1.5MΩ
Load = 3.3nF + 1.0kΩ
V
A or VB
Peak output voltage
68
80
92
V
V
A-VB
Peak to peak output voltage
136
160
184
V
f
EL
EL lamp frequency
240
280
320
Hz
Electrical Characteristics
(Over recommended operating conditions unless otherwise specified, T
A = 25ºC)
Absolute Maximum Ratings are those values beyond which damage to
the device may occur. Functional operation under these conditions is not
implied. Continuous operation of the device at the absolute rating level
may affect device reliability. All voltages are referenced to device ground.
Pin Configurations
Product Marking
8-Lead MSOP(MG)
10-Lead DFN (K7)
H853
YWLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
H853
LLLL
YYWW
Top Marking
Bottom Marking
1
2
3
4
8
7
6
5
8-Lead MSOP (MG)
(top view)
GND
VA
VB
CLKEN
VDD
REL
EN
CLKIN
10-Lead DFN (K7)
(top View)
1
2
3
GND
VA
VB
CLKEN
VDD
REL
EN
CLKIN 4
5
8
7
6
9
10
GND
NC
Recommended Operating Conditions
Sym
Parameter
Min
Typ
Max
Units Conditions
V
DD
Input voltage
3.2
-
5.0
V
---
f
EL
EL lamp frequency
50
-
500
Hz
---
C
load
EL lamp capacitance
0
-
5.3
nF
---
T
A
Operating temperature
-25
-
+85
O
C
---
Note:
Pads are at the bottom of the package.
Center heat slug should be connected to
GND or left floating.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com