Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV853 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 4 Page - Supertex, Inc

  HV853_08 Datasheet HTML 1Page - Supertex, Inc HV853_08 Datasheet HTML 2Page - Supertex, Inc HV853_08 Datasheet HTML 3Page - Supertex, Inc HV853_08 Datasheet HTML 4Page - Supertex, Inc HV853_08 Datasheet HTML 5Page - Supertex, Inc HV853_08 Datasheet HTML 6Page - Supertex, Inc HV853_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
HV853
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Figure 2: Push Button Turn on with Delay Turn off
Figure 3: Independent Programmable Output Frequency (f
EL)
Note: f
EL = fCLK/128
Figure 1: Typical Application
+
-
C
EL
Lamp
VDD
CDD
Push Button
Turn On
REL
R
RC time constant
will set Turn OFF
Delay time
GND
VA
VB
EN
REL
VDD
CLKEN
CLKIN
1
2
3
4
8
7
6
5
HV853MG
+
-
VDD
VDD = ON
GND = OFF
VDD
CDD
fCLK
EL
Lamp
GND
CLKEN
VA
VB
CLKIN
EN
REL
VDD
HV853MG
1
2
3
4
8
7
6
5
VDD
GND
EL
Lamp
VDD = ON
GND = OFF
CDD
VDD
+
-
REL
GND
VA
VB
EN
REL
VDD
CLKEN
CLKIN
1
2
3
4
8
7
6
5
HV853MG
Load
R
EL
(MΩ)
V
DD
(V)
I
DD
(mA)
V
A-VB
(V)
f
EL
(Hz)
3.3nF + 1.0kΩ
1.5
3.2
13.1
158
294
3.5
12.9
158
3.8
12.7
158
4.2
12.5
158
5.0
12.3
158
Typical Performance
(The following was the observed performance when driving a 1.0in2 green lamp)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com