Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV853 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 3 Page - Supertex, Inc

  HV853_08 Datasheet HTML 1Page - Supertex, Inc HV853_08 Datasheet HTML 2Page - Supertex, Inc HV853_08 Datasheet HTML 3Page - Supertex, Inc HV853_08 Datasheet HTML 4Page - Supertex, Inc HV853_08 Datasheet HTML 5Page - Supertex, Inc HV853_08 Datasheet HTML 6Page - Supertex, Inc HV853_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HV853
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Functional Block Diagram
Feedback
VDD
MOSFET
Full Bridge
REL
VDD
VA
VB
EN
GND
CLKIN
CLKEN
VDD
VSENSE
High
Voltage
Level
Trans-
lators
EL
Oscillator
Capacitor
Charge
Pump Circuit
Typical Output Waveform
t
rout
Output voltage rise time
-
450
-
µs
1.0in2 lamp
0V to 90% of final value
t
fout
Output voltage fall time
150
-
-
µs
90% to 10% of final value
Logic Inputs
V
IL
Input logic low voltage
0
-
0.5
V
---
V
IH
Input logic high voltage
2.0
-
V
DD
V
---
I
IL
Input logic low current
-
-
1.0
µA
---
I
IH
Input logic high current
-
-
1.0
µA
---
EN
rise
Enable input rise time (for delay turn off) 0.01
-
10
ms
Using external R-C circuit,
see Figure 2
EN
fall
Enable input fall time (for delay turn off)
10µ
-
5.0
s
C
in
Logic input capacitance
-
-
10
pF
---
Sym
Parameter
Min
Typ
Max
Units Conditions
Electrical Characteristics (cont.)
(Over recommended operating conditions unless otherwise specified, T
A = 25ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com