Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV853 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 5 Page - Supertex, Inc

  HV853_08 Datasheet HTML 1Page - Supertex, Inc HV853_08 Datasheet HTML 2Page - Supertex, Inc HV853_08 Datasheet HTML 3Page - Supertex, Inc HV853_08 Datasheet HTML 4Page - Supertex, Inc HV853_08 Datasheet HTML 5Page - Supertex, Inc HV853_08 Datasheet HTML 6Page - Supertex, Inc HV853_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV853
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Pin Descriptions: 10-Lead DFN (K7) / 8-Lead MSOP (MG)
K7
MG
Pin
Name
Description
Pin #
1
1
VDD
Input supply voltage pin.
2
2
REL
An external resistor to VDD will set the EL lamp frequency. The EL frequency is inversely
proportional to the R
EL resistor value. A 1.5MΩ resistor would provide a nominal lamp fre-
quency of 280Hz
f
EL = (1.5MΩ)(280Hz) / (REL)
When using an external clock to set the EL lamp frequency, the REL pin should be con-
nected to ground.
3
3
EN
Enable input pin. Logic high will turn the device on. An external R-C circuit can be added for
a delayed turn off.
4
4
CLKIN
Logic input pin. An external logic clock applied to this pin can be used to set the EL lamp
frequency (see Figure 3). The EL lamp frequency is the external clock frequency divided by
128. This is useful for applications requiring the EL lamp to be synchronized to a system
clock. Connect to ground when not in use.
5
-
NC
No connect.
6
5
CLKEN Logic input pin. Logic high will cause the EL lamp frequency to be set by the CLKIN input.
Logic low will cause the EL lamp frequency to be set by the external R
EL resistor.
7,8
6
GND
IC ground pin.
9
7
VB
EL lamp driver output pin. The EL lamp is connected across VA and VB terminals.
10
8
VA
EL lamp driver output pin. The EL lamp is connected across VA and VB terminals.
EL Lamp Dimming Using PWM
EL lamp dimming can be achieved by applying a PWM signal to the ENABLE pin. This is done by pulse skipping the out-
put pulses. The PWM frequency should be kept below the EL frequency but above 50Hz to avoid flickering.
Figure 4: PWM Dimming Circuit
EL Lamp
CDD
V
DD
+
-
R
EL
8
7
6
5
VDD
VB
REL
GND
VA
1
2
3
4
EN
CLKIN CLKEN
HV853MG
VDD
GND
PWM
Signal



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com