Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
21
Version: DM9301-DS-F02
May 8, 2000
Package Information
QFP 100L Outline Dimensions
Unit: Inches/mm
b
e
Seating Plane
1
30
31
50
51
80
81
100
H D
D
G D
See Detail F
y
L
G D
L 1
Detail F
Symbol
Dimensions In Inches
Dimensions In mm
A
0.130 Max.
3.30 Max.
A1
0.004 Min.
0.10 Min.
A2
0.1120.005
2.850.13
b
0.012 +0.004
0.31 +0.10
-0.002
-0.05
c
0.006 +0.004
0.15 +0.10
-0.002
-0.05
D
0.5510.005
14.00+/-0.13
E
0.7870.005
20.00+/-0.13
e
0.026 0.006
0.650.15
F
0.742 NOM.
18.85 NOM.
GD
0.693 NOM.
17.60 NOM.
GE
0.929 NOM.
23.60 NOM.
HD
0.7400.012
18.800.31
HE
0.9760.012
24.790.31
L
0.0470.008
1.190.20
L1
0.0950.008
2.410.20
y
0.006 Max.
0.15 Max.
θ
0
° ~ 12°
0
° ~ 12°
Note:
1. Dimension D & E do not include resin fins.
2. Dimension GD & GE are for PC Board surface mount pad pitch design reference only.
3. All dimensions are based on metric system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com