Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM9301 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
1
Version: DM9301-DS-F02
May 8, 2000
General Description
The DM9301 is a physical-layer, single-chip, low-
power media converter for 100BASE-TX/FX full
duplex repeater applications. On the TX media side,
it provides a direct interface to Unshielded Twisted
Pair Cable 5 (UTP5) for 100BASE-TX Fast Ethernet.
On the FX media side, it provides a direct interface to
a Pseudo Emitter Coupled Logic level interface
(PECL).
The DM9301 uses a low power and high
performance CMOS process. It contains the entire
physical layer functions of 100BASE-TX as defined
by IEEE802.3u, including the Physical Coding
Sublayer (PCS), Physical Medium Attachment
(PMA), Twisted Pair Physical Medium Dependent
Sublayer (TP-PMD) and a PECL compliant interface
for a fiber optic module, compliant with ANSI X3.166.
The DM9301 provides two independent clock
recovery circuits to minimize bit delay through the
converter (no FIFO are used to buffer data between
the FX and TX interfaces). Furthermore, due to the
excellent rise/fall time control by a built-in wave-
shaping filter, the DM9301 needs no external filter to
transport signals to the media on the 100Base-TX
interface.
Patent-Pending Circuits
•
Smart adaptive receiver equalizer
•
Digital algorithm for high frequency clock/data
recovery circuit
•
High speed wave-shaping circuit
Block Diagram
TX Code-
group
Alignment
Monitor
Descrambler
Serial to
Parallel
NRZI
to
NRZ
RX
CRM
MLT-3 to
NRZI
Adaptive
EQ
CGM
125M TPRXCLK
25M TPRXCLK
25M
OSC/XTAL
TPRXI+/-
Parallel
to Serial
FX Code-
group
Alignment
Monitor
Serial to
Parallel
RX
CRM
Scrambler
Parallel
to Serial
NRZ
to
NRZI
NRZI to
MLT-3
MLT-3
Driver
TPTXO+/-
Rise/Fall
Time
CTL
25M FXRXCLK
125M FXRXCLK
PECL
TXMT
PECL
RCVR
PECLRXI +/-
PECLTXO +/-
FXSD
RCVR
Link Status
Monitor &
LED Driver
PECLSD
NRZ
to
NRZI
NRZI
to
NRZ


Similar Part No. - DM9301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM9301 NSC-DM9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Pulse A Technitrol Comp...
DM9301 PULSE-DM9301 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
National Semiconductor ...
DM9301N NSC-DM9301N Datasheet
76Kb / 3P
1-OF-10 DECODERS
More results

Similar Description - DM9301

ManufacturerPart #DatasheetDescription
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652_04 Datasheet
667Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com