Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DM9301 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
16
Preliminary
Version: DM9301-DS-F02
May 8, 2000
AC Electrical Characteristics (Over full range of operating condition unless specified otherwise)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Transmitter
tTR/F
100TXO+/- Differential Rise/Fall Time
3.0
5.0
ns
tTM
100TXO+/- Differential Rise/Fall Time
Mismatch
-0.5
0.5
ns
tTDC
100TXO+/- Differential Output Duty Cycle
Distortion
-0.5
0.5
ns
tT/T
100TXO+/- Differential Output Peak-to-
Peak Jitter
300
ps
XOST
100TXO+/- Differential Voltage Overshoot
5
%
PECL Transmitter (FX Transmit Interface)
ptTR/F
100FXTD+/- Differential Rise/Fall Time
1.0
2.0
ns
ptTM
100FXTD+/- Differential Rise/Fall Time
Mismatch
-0.5
0.5
ns
ptTDC
100FXTD+/- Differential Output Duty Cycle
Distortion
-0.5
0.5
ns
ptPPJ
100FXTD+/- Differential Output Peak-to-
Peak Jitter
300
ps
ptDDJ
100FXTD+/- Differential Output Data
Dependent Jitter
2.0
ns
Clock Specifications
XNTOL
TX Input Clock Frequency Tolerance
(Oscillator or Crystal input frequency)
-50
+50
ppm
25MHz Frequency
XBTOL
TX Output Clock Frequency Tolerance
-100
+100
ppm
25MHz Frequency
tPWH
OSC Pulse Width High
14
ns
tPWL
OSC Pulse Width Low
14
ns
tRPWH
RX_CLK Pulse Width High
14
ns
tRPWL
RX_CLK Pulse Width Low
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com