Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9301
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9301 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
11
Version: DM9301-DS-F02
May 8, 2000
FX Serial to Parallel Converter
The Serial to Parallel converter receives a serial
data stream from the NRZI to NRZ converter, and
converts the data stream to parallel data to be
presented to the scrambler. The parallel data format
presented to the TX scrambler is 5B coded.
FX Code Group Alignment Monitor
The FX Code Group Alignment block receives non-
aligned 5B data from the FX Serial to Parallel
converter and monitors it for 5B code group
violations. FX Code Group Alignment occurs after
the J/K is detected, and subsequent data is
monitored on a fixed boundary. If a violation is
detected, the FX Code Group Alignment Monitor
block signals the error to the Link Status Monitor
block. In turn, the Link Status Monitor block flashes
the FX error LED (FXERRLED#).
TX Scrambler
The scrambler also receives data from the FX Serial
to Parallel converter. Data from the serial to parallel
conversion block is 5B symbol encoded. The
scrambler is required to control the radiated
emissions (EMI) by spreading the transmit energy
across the frequency spectrum at the media
connector and on the twisted pair cable in 100Base-
TX transmit operation.
By scrambling the data, the total energy presented
to the cable is randomly distributed over a wide
frequency range. Without the scrambler, energy
levels on the cable could peak beyond FCC
limitations at frequencies related to repeated 5B
sequences like continuous transmission of IDLE
symbols. The scrambler output is combined with the
NRZ 5B data from the FX Serial to Parallel
converter via an XOR logic function. The result is a
scrambled data stream with sufficient randomization
to decrease radiated emissions at critical
frequencies.
TX Parallel to Serial Converter
The TX Parallel to Serial converter receives parallel
5B scrambled data from the scrambler and
serializes it (converts it from a parallel to a serial
data stream). The serialized data stream is then
presented to the NRZ to NRZI converter block
TX NRZ to NRZI Converter
After the transmit data stream has been scrambled
and serialized, the data must be NRZI encoded for
compatibility with the TP-PMD standard for
100Base-TX transmission over Category-5
unshielded twisted pair cable.
TX MLT-3 Converter
The MLT-3 conversion is accomplished by
converting the data stream output from the NRZI
encoder into two binary data streams with
alternately phased logic one events.
TX MLT-3 Driver
The two binary data streams created at the MLT-3
converter are fed to the twisted pair output driver
which converts these streams to current sources
and alternately drives either side of the transmit
transformer primary winding resulting in a minimal
current MLT-3 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com