Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM9301F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
6
Final
Version: DM9301-DS-F02
May 8, 2000
Clock and Misc. Interface (Continued)
84
TRIDRV
I
Tristate Digital Output Pins:
When set high, all digital output pins are set to high
impedance.
85
RESET#
I
Reset: Active Low input that initializes the DM9301,
must be asserted low for 30msecs after VCC is stable.
34
HLTNOLNK
I
Send Halt on no Link Condition:
Causes the DM9301 to Send out a Halt symbol to the
TX interface if no FX link active or send out a Halt
symbol to the FX interface if no TX link active.
Propagates a no-link condition to the Link Partner if 1,
Idle symbol if 0. Active high
93
CONFIGA
I
Config A: Must be connected to GND
95
CONFIGB
I
Config B: Must be connected to GND
LED Interface
67
FXLNKLED#
OD
FX Link LED:
Indicates Good Link status for 100Mbps FX operation.
Active low (Open Drain Output)
64
TXLNKLED#
OD
TX Link LED:
Indicates Good Link status for 100Mbps TX operation.
Active low (Open Drain Output)
69
FXRCVLED#
OD
FX Receive LED:
Indicates the presence of receive activity for 100Mbps
FX operation. Active low (Open Drain Output)
The DM9301 incorporates a "monostable" function on
the FXRCVLED output. This ensures that even
minimum size packets generate adequate LED ON to
insure visibility.
62
TXRCVLED#
OD
TX Receive LED:
Indicates the presence of receive activity for 100Mbps
TX operation. Active low (Open Drain Output)
The DM9301 incorporates a "monostable" function on
the TXRCVLED output. This ensures that even
minimum size packets generate adequate LED ON to
insure visibility.
80
FXERRLED#
OD
FX Error LED:
Indicates an error was detected by the FX Code Group
Alignment Monitor function on the FX receiver. Active
low (Open Drain Output)
The DM9301 incorporates a "monostable" function on
the FXERRLED output. This ensures that even
minimum size errors generate adequate LED ON to
insure visibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com