Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9301F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
8
Final
Version: DM9301-DS-F02
May 8, 2000
Diagnostic Port Interface (Continued)
39, 40
MUXCTL1,
MUXCTL0
I
Mux. Control 1 and 0:
Used for testing the DM9301 Data Paths. Set to zero for
normal operation.
Initiated at a H/W reset. Active high.
MUXCTL1 MUXCTL0
DATA PATH
0
0
Normal, FX to TX and TX to FX
1
0
TX Transmit from TXD[4:0]
TXCLK from TX PLL
TX Receive to RXD[4:0]
RXCLK from TX receive clock
0
1
FX Transmit from TXD[4:0]
TXCLK from FX PLL
FX Receive to RXD[4:0]
RXCLK from FX receive clock
1
1
TX Transmit from TXD[4:0]
TXCLK from TX PLL
FX Receive to RXD[4:0]
RXCLK from FX receive clock
65, 54,
55, 57,
58, 60,
61
TPO6, TPO5,
TPO4, TPO3,
TPO2, TPO1,
TPO0
O
Test Port Output:
Reflects the DM9301 internal status. Selection of status
indicators is made by using TPEN and TPMUX.
Initiated at a H/W reset. Active high.
92, 91, 89,
88
TPI3, TPI2, TPI1,
TPI0,
I
Test Port Input:
Controls the DM9301 internal test features. Selection of
input control is made by using TPEN and TPMUX.
TPEN must be true (one) for this signal to take effect.
Initiated at a H/W reset. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com