Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DM9301F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
2
Final
Version: DM9301-DS-F02
May 8, 2000
Table of Contents
General Description ................................................1
Block Diagram ........................................................1
Table of contents ....................................................2
Features .................................................................3
Pin Configuration: DM9301 QFP .............................4
Pin Description .......................................................5
Functional Description ..........................................10
100Base-FX to TX Operation ................................10
T FX PECL Receiver ............................................10
T FX Receiver Clock Recovery Module ................10
T FX NRZI to NRZ Converter ...............................10
T FX Serial to Parallel Converter ..........................11
T FX Code Group Alignment Monitor ....................11
T TX Scrambler....................................................11
T TX Parallel to Serial Converter ..........................11
T TX NRZ to NRZI Converter ...............................11
T TX NRZI to MLT-3 Converter.............................11
T TX MLT-3 Driver ...............................................11
100Base-TX to FX Operation ................................12
T TX Signal Detect ...............................................12
T TX Digital Adaptive Equalization........................12
T TX MLT-3 to NRZI Decoder...............................13
T TX Clock Recovery Module ...............................13
T TX NRZI to NRZ Decoder..................................13
T TX Serial to Parallel Converter ..........................13
T TX Code Group Monitor ....................................13
T TX Descrambler ................................................13
T FX Parallel to Serial Converter.......................... 13
T FX NRZ to NRZI Encoder ................................. 13
T Link Monitor and LED Driver ............................. 13
Absolute Maximum Ratings .................................. 14
DC Electrical Characteristics ................................ 15
AC Electrical Characteristics................................. 16
Timing Waveforms ............................................... 17
T 100BASE-TX to FX Transmit Timing Diagram ... 17
T 100BASE-FX to TX Transmit Timing Diagram ... 17
T 5-Bit Symbol 100Base-TX/FX Transmit Timing
Diagram ............................................................ 17
T 5-Bit Symbol 100Base-TX/FX Receive Timing
Diagram ............................................................ 18
Application Circuit (For Reference Only) ............... 19
Package Information............................................. 21
Ordering Information............................................. 22
Disclaimer ............................................................ 22
Company Overview .............................................. 22
Products............................................................... 22
Contact Windows.................................................. 22
Warning ............................................................... 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com