Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301F Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DM9301F
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9301F Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DM9301F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9301F Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
DM9301
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
18
Preliminary
Version: DM9301-DS-F02
May 8, 2000
5-Bit Symbol 100Base-TX/FX Transmit Timing Parameters
Symbol
Parameter
Min.
Typ.1
Max.
Unit
Conditions
tTX
s
TXD[4:0] Setup To TX_CLK High
11
-
-
ns
tTX
h
TXD[4:0] Hold From TX_CLK
High
0-
-
ns
tTXD
pdtpo
TXD[4:0] Sampled To TPTXO
(TXD to TP Latency)
--
6
BT
tTXD
pdfxo
TXD[4:0] Sampled To PECLTXO
(TXD to FX Latency)
--
4
BT
tTX
r/f
100TX Driver Rise/Fall Time
3
4
5
ns
90% To 10%, Into
100ohm Differential
1. Typical values are at 25and are for design aid only; not guaranteed and not subject to production testing.
5-Bit Symbol 100Base-TX/FX Receive Timing Diagram
RXCLK
RXD [4:0]
TX RXI+/-
tRX
S
tRX
h
FX RXI+/-
tRXD
pdtxi
tRXD
pdfxi
5-Bit Symbol 100Base-TX/FX Receive Timing Parameter
Symbol
Parameter
Min.
Typ1.
Max.
Unit
Conditions
tRX
s
RXD[4:0) Setup To RX_CLK
High
10
-
-
ns
tRX
h
RXD[4:0]Hold From RX_CLK
High
10
-
-
ns
tRXD
pdtxi
TXRXI In To RXD[0:3] Out (Rx
Latency)
--
6
BT
tRXD
pdfxi
PECLRDI In To RXD[4:0] Out
(Rx Latency)
--
4
BT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com