Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS503 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # NTS503
Description  Active power factor correction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NTS503 Datasheet(HTML) 1 Page - Artesyn Technologies

  NTS503 Datasheet HTML 1Page - Artesyn Technologies NTS503 Datasheet HTML 2Page - Artesyn Technologies NTS503 Datasheet HTML 3Page - Artesyn Technologies NTS503 Datasheet HTML 4Page - Artesyn Technologies NTS503 Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
POWER
NTS500 Series
500 Watts
Total Power: 200 - 500 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Remote sense
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
5 V standby
ƒ
12 V fan output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
Built in OR-ing diode/FET
ƒ
Optional fan cover (-CF suffix)
ƒ
Optional end fan cover (-CEF suffix)
ƒ
PM Bus compliant
ƒ
RoHS compliant
ƒ
Digital I2C interface
ƒ
Two year warranty
ƒ
POE isolation on NTS508
SAFETY
ƒ
TUV:
60950
ƒ
cCSAus: 60950
ƒ
NEMKO: 60950
ƒ
CB:
Certificate & report
ƒ
CE:
Mark (LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac (wide range)
Frequency
47 - 440 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
85% typical at full load, nominal line
EMI filter
FCC Class B conducted and radiated; CISPR22 Class B
conducted and radiated; EN55022 Class B conducted and
radiated; VDE0878PT3 Class B conducted and radiated.
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
200 W for convection; 500 W with 30 CFM forced air
Adjustment range
± 5%
Standby output
5 V @ 1 A convection, 2 A forced air, regulated, ± 5%
Fan output
12 V @ 1 A, -5 %, +7%, 0.5 A for -CF version
Hold-up time
20 ms @ 500 W load, 115 VAC nominal line at factory voltage
setting
Overload protection
Short circuit protection on all outputs. Case overload
protected @ 115 - 130% above peak rating
Overvoltage protection
20 - 35% above nominal output
Data Sheet


Similar Part No. - NTS503

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS503 EMERSON-NETWORKPOWER-NTS503 Datasheet
457Kb / 3P
Active power factor correction
NTS503 EMERSON-NETWORKPOWER-NTS503 Datasheet
696Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS503 ARTESYN-NTS503 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Emerson Network Power
NTS503-M EMERSON-NETWORKPOWER-NTS503-M Datasheet
1Mb / 3P
Active power factor correction
NTS503-M EMERSON-NETWORKPOWER-NTS503-M Datasheet
680Kb / 3P
Active power factor correction
More results

Similar Description - NTS503

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
HPS3KW EMERSON-NETWORKPOWER-HPS3KW Datasheet
225Kb / 3P
Active Power Factor Correction
HPS35 EMERSON-NETWORKPOWER-HPS35 Datasheet
864Kb / 4P
Active Power Factor Correction
LPQ250 EMERSON-NETWORKPOWER-LPQ250 Datasheet
404Kb / 3P
Active power factor correction
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
NTS500 EMERSON-NETWORKPOWER-NTS500 Datasheet
457Kb / 3P
Active power factor correction
NTS500-M EMERSON-NETWORKPOWER-NTS500-M_09 Datasheet
680Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS353 ARTESYN-NTS353 Datasheet
891Kb / 5P
Active power factor correction
logo
Bel Fuse Inc.
ABC200 BEL-ABC200 Datasheet
1Mb / 11P
Active Power Factor Correction
ABC600 BEL-ABC600 Datasheet
1Mb / 11P
Active power factor correction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com